Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRXNFEMM4ASS Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRXNFEMM4ASS
Description  Fast Ethernet SFP Multimode Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXNFEMM4ASS Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRXNFEMM4ASS Datasheet HTML 1Page - OPLINK Communications Inc. TRXNFEMM4ASS Datasheet HTML 2Page - OPLINK Communications Inc. TRXNFEMM4ASS Datasheet HTML 3Page - OPLINK Communications Inc. TRXNFEMM4ASS Datasheet HTML 4Page - OPLINK Communications Inc. TRXNFEMM4ASS Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
21737-0931, Rev. A
04-05-2006
Features
Lead Free Design & Fully RoHS Compliant
Compatible with SFP MSA
Designed for Fast Ethernet 100BASE-FX Applications
1310nm LED Transmitter
Hot-pluggable
Excellent EMI & ESD Protection
Loss of Signal Output
Distances up to 2km
TX Disable Input
Duplex LC Optical Interface
Single +3.3V Power Supply
The TRXNFEMM series of fiber optic transceivers provide
a quick and reliable interface for 100BASE-FX Fast
Ethernet multimode applications.
The transceivers connect to standard 20-pad SFP
connectors for hot plug capability. This allows the system
designer to make configuration changes or maintenance
by simply plugging in different types of transceivers
without removing the power supply from the host system.
The transceivers have bail-type latches, which offer an easy
and convenient way to release the modules. The latch is
compliant with the SFP MSA.
The transmitter design incorporates a highly reliable
1310nm LED and a driver circuit. The receiver features a
low noise transimpedance amplifier IC for high sensitivity
and wide dynamic range. The transmitter and receiver
DATA interfaces are AC-coupled internally. LV-TTL
Transmitter Disable control input and Loss of Signal output
interfaces are also provided.
The transceivers operate from a single +3.3V power supply
over three operating case temperature ranges of -5°C to
+70°C (“B” option), -5°C to +85°C (“E” option) or -40°C
to +85°C (“A” option). The housing is made of plastic and
metal for EMI immunity.
Description
Optical Communication Products, Inc.
Absolute Maximum Ratings
TRXNFEMM
Fast Ethernet SFP
Multimode Transceivers
Pb
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
Tst
- 40
+ 85
°C
Operating Case Temperature
1
"B" option
Top
- 5
+ 70
°C
"E" option
- 5
+ 85
"A" option
- 40
+ 85
Supply Voltage
VCC
0+ 5.0
V
Input Voltage
Vin
0
VCC
V
Lead Terminal Finish, Reflow Profile Limits and MSL
-
-NA
-
1Measured on top side of SFP module at the front center vent hole of the cage.


Similar Part No. - TRXNFEMM4ASS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXNFEMM OPLINK-TRXNFEMM Datasheet
535Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
More results

Similar Description - TRXNFEMM4ASS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP3FE0L1C00000 OPLINK-TRP3FE0L1C00000 Datasheet
532Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRXNFEMM OPLINK-TRXNFEMM Datasheet
535Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRPUG1ESXC000E2G OPLINK-TRPUG1ESXC000E2G Datasheet
362Kb / 5P
   Gigabit Ethernet 850nm Multimode SFP Transceivers With Digital Diagnostics
logo
Pepperl+Fuchs Inc.
SFP-1 PF-SFP-1 Datasheet
420Kb / 2P
   SFP 100BASE-FX Fast Ethernet Multimode Fiber
2021-06-01
logo
OPLINK Communications I...
TRPAFESM OPLINK-TRPAFESM Datasheet
493Kb / 5P
   Fast Ethernet SFP Single Mode Transceivers with Digital Diagnostics
TRXAFEEX OPLINK-TRXAFEEX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRPBFELXTBOSH OPLINK-TRPBFELXTBOSH Datasheet
112Kb / 5P
   Single Fiber Bi-Directional Fast Ethernet SFP Single Mode Transceivers
logo
SIXNET Technology Park
FXFIBER-SFP SIXNET-FXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com