Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRXNFEMM4ASS Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRXNFEMM4ASS
Description  Fast Ethernet SFP Multimode Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXNFEMM4ASS Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRXNFEMM4ASS Datasheet HTML 1Page - OPLINK Communications Inc. TRXNFEMM4ASS Datasheet HTML 2Page - OPLINK Communications Inc. TRXNFEMM4ASS Datasheet HTML 3Page - OPLINK Communications Inc. TRXNFEMM4ASS Datasheet HTML 4Page - OPLINK Communications Inc. TRXNFEMM4ASS Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
21737-0931, Rev. A
04-05-2006
TRXNFEMM
Receiver Electrical Interface (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Module Definition
Electrical Power Supply Characteristics (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Transmitter Electrical Interface (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
Pin 2 Internally Grounded.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (TD+ & TD-)1
VPP-DIF
0.50
-
2.4
V
Input HIGH Voltage (TX Disable)
2
VIH
2.0
-
VCC
V
Input LOW Voltage (TX Disable)
2
VIL
0-
0.8
V
1Differential peak-to-peak voltage.
2There is an internal 4.7 to 10kΩ pull-up resistor to VccT.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD-)
1
VPP-DIF
0.6
-
2.0
V
Output HIGH Voltage (LOS)
2
VOH
2.0
-
VCC + 0.3
V
Output LOW Voltage (LOS)
2
VOL
0-
0.5
V
1Differential peak-to-peak voltage across external 100Ω load.
2Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
Vcc
3.13
3.3
3.47
V
Supply Current
Icc
-
222
245
mA
MOD_DEF(0)
pin 6
MOD_DEF(1)
pin 5
MOD_DEF(2)
pin 4
Interpretation by Host
TTL LOW
SCL
SDA
Serial module definition protocol
TX GND
RX GND
TX Fault
TX Disable
MOD_DEF(2)
MOD_DEF(1)
MOD_DEF(0)
NO CONNECTION
LOS
RX GND
RX GND
RD- (RX DATA OUT-)
RD+ (RX DATA OUT+)
RX GND
VccRX
TX GND
TD+ (TX DATA IN+)
VccTX
TD- (TX DATA IN-)
TX GND
20
19
18
17
16
15
14
13
12
11
Top of Board
Bottom of Board
(as viewed thru top of board)
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1


Similar Part No. - TRXNFEMM4ASS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXNFEMM OPLINK-TRXNFEMM Datasheet
535Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
More results

Similar Description - TRXNFEMM4ASS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP3FE0L1C00000 OPLINK-TRP3FE0L1C00000 Datasheet
532Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRXNFEMM OPLINK-TRXNFEMM Datasheet
535Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRPUG1ESXC000E2G OPLINK-TRPUG1ESXC000E2G Datasheet
362Kb / 5P
   Gigabit Ethernet 850nm Multimode SFP Transceivers With Digital Diagnostics
logo
Pepperl+Fuchs Inc.
SFP-1 PF-SFP-1 Datasheet
420Kb / 2P
   SFP 100BASE-FX Fast Ethernet Multimode Fiber
2021-06-01
logo
OPLINK Communications I...
TRPAFESM OPLINK-TRPAFESM Datasheet
493Kb / 5P
   Fast Ethernet SFP Single Mode Transceivers with Digital Diagnostics
TRXAFEEX OPLINK-TRXAFEEX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRPBFELXTBOSH OPLINK-TRPBFELXTBOSH Datasheet
112Kb / 5P
   Single Fiber Bi-Directional Fast Ethernet SFP Single Mode Transceivers
logo
SIXNET Technology Park
FXFIBER-SFP SIXNET-FXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com