Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5902HTQFP Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5902HTQFP
Description  LED DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5902HTQFP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5902HTQFP Datasheet HTML 7Page - Texas Instruments TLC5902HTQFP Datasheet HTML 8Page - Texas Instruments TLC5902HTQFP Datasheet HTML 9Page - Texas Instruments TLC5902HTQFP Datasheet HTML 10Page - Texas Instruments TLC5902HTQFP Datasheet HTML 11Page - Texas Instruments TLC5902HTQFP Datasheet HTML 12Page - Texas Instruments TLC5902HTQFP Datasheet HTML 13Page - Texas Instruments TLC5902HTQFP Datasheet HTML 14Page - Texas Instruments TLC5902HTQFP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TLC5902
LED DRIVER
SLLS382 – DECEMBER 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, CL = 15 pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DOUT
12
30
t
Rise time
OUT
250
ns
tr
Rise time
GSOUT
13
30
ns
BOUT
13
30
DOUT
8
20
tf
Fall time
OUT
150
ns
tf
Fall time
GSOUT
10
25
ns
BOUT
10
25
OUTn+1 – OUTn
8
15
BLANK
↑ – OUT0
350
500
td
Propagation delay time
GSCLK
↓ – OUT0
350
500
ns
td
Propagation delay time
DCLK
↑ – DOUT
15
30
50
ns
GSCLK – GSOUT
10
25
50
BLANK – BOUT
10
25
50
timing requirements
50%
90%
10%
100%
0%
100%
0%
50%
100%
0%
td
50%
100%
0%
VIH
VIL
tr
tf
VIH OR VOH
VIL OR VOL
tw(h)
tw(l)
VIH OR VOH
VIL OR VOL
VIH OR VOH
VIL OR VOL


Similar Part No. - TLC5902HTQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5902 TI1-TLC5902 Datasheet
334Kb / 23P
[Old version datasheet]   LED DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDBQR TI-TLC59025IDBQR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDWR TI-TLC59025IDWR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IPWR TI-TLC59025IPWR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5902HTQFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com