Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFL-28V-06S Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # MQFL-28V-06S
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-28V-06S Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  MQFL-28V-06S Datasheet HTML 1Page - SynQor Worldwide Headquarters MQFL-28V-06S Datasheet HTML 2Page - SynQor Worldwide Headquarters MQFL-28V-06S Datasheet HTML 3Page - SynQor Worldwide Headquarters MQFL-28V-06S Datasheet HTML 4Page - SynQor Worldwide Headquarters MQFL-28V-06S Datasheet HTML 5Page - SynQor Worldwide Headquarters MQFL-28V-06S Datasheet HTML 6Page - SynQor Worldwide Headquarters MQFL-28V-06S Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-28V-06S Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-28V-06S Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
HIGH RELIABILITY DC-DC CONVERTER
FULL POWER OPERATION: -55ºC TO +125ºC
• Fixed switching frequency
• No opto-isolators
• Parallel operation with current share
• Remote sense
• Clock synchronization
• Primary and secondary referenced enable
• Continuous short circuit and overload protection
• Input under-voltage lockout/over-voltage shutdown
Features
MQFL series converters (with MQME filter) are designed to meet:
• MIL-HDBK-704-8 (A through F)
• RTCA/DO-160E Section 16
• MIL-STD-1275B
• DEF-STAN 61-5 (part 6)/5
• MIL-STD-461 (C, D, E)
• RTCA/DO-160E Section 22
Specification Compliance
MQFL series converters are:
• Designed for reliability per NAVSO-P3641-A guidelines
• Designed with components derated per:
— MIL-HDBK-1547A
— NAVSO P-3641A
Design Process
MQFL series converters are qualified to:
• MIL-STD-810F
— consistent with RTCA/D0-160E
• SynQor’s First Article Qualification
— consistent with MIL-STD-883F
• SynQor’s Long-Term Storage Survivability Qualification
• SynQor’s on-going life test
Qualification Process
• AS9100 and ISO 9001:2000 certified facility
• Full component traceability
• Temperature cycling
• Constant acceleration
• 24, 96, 160 hour burn-in
• Three level temperature screening
In-Line Manufacturing Process
DESIGNED & MANUFACTURED IN THE USA
FEATURING QORSEALHI-REL ASSEMBLY
Meets all -704 and -1275B under-voltage transients
The MilQor® series of high-reliability DC/DC converters
brings SynQor’s field proven high-efficiency synchronous
rectifier technology to the Military/Aerospace industry.
SynQor’s innovative QorSeal™ packaging approach
ensures survivability in the most hostile environments.
Compatible with the industry standard format, these
converters operate at a fixed frequency, have
no opto-isolators, and follow conservative component
derating guidelines. They are designed and manufactured
to comply with a wide range of military standards.
Meets all -704 and -1275B under-voltage transients
Product # MQFL-28V-06S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005182 Rev. 1
04/16/09
Page 2
Output:
Current:
6V
17A
MQFL-28V-06S
Technical Specification
BLOCK DIAGRAM
SENSE
ISOLATION STAGE
REGULATION STAGE
7
8
UVLO
SECONDARY
CONTROL
GATE DRIVERS
CONTROL
POWER
PRIMARY
CONTROL
+Vin
INPUT
RETURN
STABILITY
ENABLE 1
SYNC OUT
SYNC IN
12
11
10
9
1
2
3
4
5
6
+Vout
OUTPUT
RETURN
SHARE
ENABLE 2
+ SENSE
GATE DRIVERS
CURRENT
LIMIT
CURRENT
SENSE
BOOST
CONVERTER
SWITCHES
AND
CONTROL
BIAS POWER
TRANSFORMER
MAGNETIC
DATA COUPLING
CASE
TYPICAL CONNECTION DIAGRAM
+VIN
IN RTN
STABILITY
ENA 1
SYNC OUT
SYNC IN
ENA 2
SHARE
+ SNS
- SNS
OUT RTN
+VOUT
1
2
3
4
5
6
12
+
-
+
-
open
means
on
open
means
on
CSTABILITY
RSTABILITY
External bulk capacitor
Load
11
10
9
8
7
28 Vdc
MQFL


Similar Part No. - MQFL-28V-06S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28V-05S SYNQOR-MQFL-28V-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-05S-Y-ES SYNQOR-MQFL-28V-05S-Y-ES Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-09S SYNQOR-MQFL-28V-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-09S-Y-ES SYNQOR-MQFL-28V-09S-Y-ES Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - MQFL-28V-06S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com