Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFL-28VE-06S Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # MQFL-28VE-06S
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-28VE-06S Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  MQFL-28VE-06S Datasheet HTML 1Page - SynQor Worldwide Headquarters MQFL-28VE-06S Datasheet HTML 2Page - SynQor Worldwide Headquarters MQFL-28VE-06S Datasheet HTML 3Page - SynQor Worldwide Headquarters MQFL-28VE-06S Datasheet HTML 4Page - SynQor Worldwide Headquarters MQFL-28VE-06S Datasheet HTML 5Page - SynQor Worldwide Headquarters MQFL-28VE-06S Datasheet HTML 6Page - SynQor Worldwide Headquarters MQFL-28VE-06S Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-28VE-06S Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-28VE-06S Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Product # MQFL-28VE-06S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005209 Rev. 1
04/22/09
Page 4
Output:
Current:
6V
17A
MQFL-28VE-06S
Technical Specification
MQFL-28V-06S ELECTRICAL CHARACTERISTICS (Continued)
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Vin=28V dc ±5%, Iout=17A, CL=0µF, free running (see Note 10)
boost-converter non-operational unless otherwise specified
Subgroup
ISOLATION CHARACTERISTICS
Isolation Voltage
Dielectric strength
Input RTN to Output RTN
500
V
1
Any Input Pin to Case
500
V
1
Any Output Pin to Case
500
V
1
Isolation Resistance (in rtn to out rtn)
100
1
Isolation Resistance (any pin to case)
100
1
Isolation Capacitance (in rtn to out rtn)
44
nF
1
FEATURE CHARACTERISTICS
Switching Frequency (free running)
500
550
600
kHz
1, 2, 3
Synchronization Input
Frequency Range
500
600
kHz
1, 2, 3
Logic Level High
2.0
10
V
1, 2, 3
Logic Level Low
-0.5
0.8
V
1, 2, 3
Duty Cycle
20
80
%
See Note 5
Synchronization Output
Pull Down Current
20
mA
VSYNC OUT = 0.8V
See Note 5
Duty Cycle
25
75
%
Output connected to SYNC IN of other MQFL unit
See Note 5
Enable Control (ENA1 and ENA2)
Off-State Voltage
0.8
V
1, 2, 3
Module Off Pulldown Current
80
µA
Current drain required to ensure module is off
See Note 5
On-State Voltage
2
V
1, 2, 3
Module On Pin Leakage Current
20
µA
Imax draw from pin allowed with module still on
See Note 5
Pull-Up Voltage
3.2
4.0
4.5
V
See Figure A
1, 2, 3
BOOST-CONVERTER OPERATION
Input Voltage Arming Value
17.5
18.0
18.8
V
1, 2, 3
Switching Frequency
600
670
740
kHz
1, 2, 3
Input Terminal Current Ripple (RMS)
0.9
A
Vin = 16V; Iout = 17A
Total Converter Efficiency
Iout = 15A (10Vin)
86
%
1, 2, 3
Iout = 15A (16Vin)
88
%
1, 2, 3
Iout = 30A (16Vin)
88
%
1, 2, 3
RELIABILITY CHARACTERISTICS
Calculated MTBF (MIL-STD-217F2)
GB @ Tcase = 70ºC
2200
103 Hrs.
AIF @ Tcase = 70ºC
390
103 Hrs.
Demonstrated MTBF
TBD
103 Hrs.
WEIGHT CHARACTERISTICS
Device Weight
79
g
Electrical Characteristics Notes
1. Converter will undergo input over-voltage shutdown.
2. Derate output power to 50% of rated power at Tcase = 135ºC (see Figure 5).
3. High or low state of input voltage must persist for about 200µs to be acted on by the lockout or shutdown circuitry.
4. Current limit inception is defined as the point where the output voltage has dropped to 90% of its nominal value.
5. Parameter not tested but guaranteed to the limit specified.
6. Load current transition time ≥ 10µs.
7. Settling time measured from start of transient to the point where the output voltage has returned to ±1% of its final value.
8. Line voltage transition time ≥ 100µs.
9. Input voltage rise time ≤ 250µs.
10. Operating the converter at a synchronization frequency above the free running frequency will cause the converter’s efficiency to be slightly reduced
and it may also cause a slight reduction in the maximum output current/power available. For more information consult the factory.
11. SHARE pin outputs a power failure warning pulse during a fault condition. See Current Share section of the Control Features description.
12. After a disable or fault event, module is inhibited from restarting for 300ms. See Shut Down section of the Control Features description.
13. Only the ES and HB grade products are tested at three temperatures. The C grade products are tested at one temperature. Please refer to the
Construction and Environmental Stress Screening Options table for details.
14. These derating curves apply for the ES- and HB- grade products. The C- grade product has a maximum case temperature of 100ºC.
15. Input Over Voltage Shutdown test is run at no load, full load is beyond derating condition and could cause damage at 125ºC.


Similar Part No. - MQFL-28VE-06S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28VE-06S-Y-ES SYNQOR-MQFL-28VE-06S-Y-ES Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
More results

Similar Description - MQFL-28VE-06S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com