Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWFC6101P Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # UWFC6101P
Description  Single Window Single-Mode Wideband Fiber Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

UWFC6101P Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  UWFC6101P Datasheet HTML 1Page - OPLINK Communications Inc. UWFC6101P Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
UWFC Series
Premium
Grade A
Unit
Coupling Ratio
1/99 to 50/50
Operating Wavelength
1270 ~ 1350 / 1510 ~ 1590 / 1600 ~ 1640
nm
Uniformity (50/50)
<0.5
< 0.8
Insertion Loss
Split Ration : 50/50
Split Ration : 3/97
Split Ration : 2/98
Split Ration : 1/99
< 3.4
< 16.2/0.35
< 19.0/0.32
19.0 ~ 21.0 / 0.1 ~ 0.2
< 3.7
< 17.0/0.45
< 19.5/0.35
19.0 ~ 21.5 / 0.25
dB
Temperature Dependent Loss
< 0.15
< 0.20
dB
Polarization Dependent Loss
< 0.10
< 0.13
dB
Temperature Sensitivity
< 0.002
< 0.002
dB/°C
Directivity
> 55
dB
Maximum Power Handling
< 500
mW
Operating Temperature
- 10 to + 70
°C
Storage Temperature
- 40 to + 85
°C
Package Dimensions **
P1: 250 µm bare fiber
P2: 900 µm loose tube
P3: 3 mm cable
(ø) 3.0 x (L) 54.0
(ø) 3.0 x (L) 60.0
(L)96 x (W)12 x (H)6.4
mm
Applications
Performance Specificationns
Note:
* Values are referenced without connector loss.
** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom speci-
fied.
Port 1 In
L
Ø
Port 2 Signal
Port 3 Pump
Port 4 (terminated for
1x2 configuration)
R03.20081120
Ultra Hi-Rel Undersea Component Family
Single Window Single-Mode Wideband Fiber
Coupler (1x2,2x2)
UWFC Series
Oplink’s single-window wideband couplers split or combine light with excep-
tional performance over a wide bandwidth. These couplers have very good
uniformity, low excess loss and very low polarization sensitivity. All devices
are supplied with all pertinent measurement data. Please contact our Oplink
OEM design team for further information.
Oplink’s Ultra Hi-Rel family of optical components are available for your un-
dersea applications. Please contact us with your requirements.
Wavelength Independent
Low Polarization Sensitivity
High Directivity
High Stable & Reliable
Undearsea


Similar Part No. - UWFC6101P

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC-S0173 OPLINK-UWFC-S0173 Datasheet
175Kb / 2P
   Ultra Hi-Rel Undersea Component Family Single Window Single Mode Wideband Fiber
UWFC313A2114 OPLINK-UWFC313A2114 Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC313A2115 OPLINK-UWFC313A2115 Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC313A2224 OPLINK-UWFC313A2224 Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
More results

Similar Description - UWFC6101P

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC OPLINK-SWFC Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
DWFC0150P00L011 OPLINK-DWFC0150P00L011 Datasheet
278Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC1X3-S0156 OPLINK-DWFC1X3-S0156 Datasheet
156Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300P001111 OPLINK-DWFC0300P001111 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com