Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFL-28V-12S-Y-ES Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # MQFL-28V-12S-Y-ES
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-28V-12S-Y-ES Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button MQFL-28V-12S-Y-ES Datasheet HTML 4Page - SynQor Worldwide Headquarters MQFL-28V-12S-Y-ES Datasheet HTML 5Page - SynQor Worldwide Headquarters MQFL-28V-12S-Y-ES Datasheet HTML 6Page - SynQor Worldwide Headquarters MQFL-28V-12S-Y-ES Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-28V-12S-Y-ES Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-28V-12S-Y-ES Datasheet HTML 9Page - SynQor Worldwide Headquarters MQFL-28V-12S-Y-ES Datasheet HTML 10Page - SynQor Worldwide Headquarters MQFL-28V-12S-Y-ES Datasheet HTML 11Page - SynQor Worldwide Headquarters MQFL-28V-12S-Y-ES Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Product # MQFL-28VE-12S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005106 Rev. 1
04/22/09
Page 8
Output:
Current:
12.0 V
8 A
MQFL-28VE-12S
Technical Specification
TBD
Figure 13: Output voltage response to step-change in input voltage (16V -
50V - 16V). Load cap: 10µF, 100 m
W ESR tantalum cap and 1µF ceramic
cap. Ch 1: Vin (200 mV/div). Ch 2: Vout (20 V/div).
Figure 14: Test set-up diagram showing measurement points for
Input Terminal Ripple Current (Figure 15) and Output Voltage Ripple
(Figure 16).
TBD
Figure 15: Input terminal current ripple, ic, at full rated output current
and nominal input voltage with SynQor MQ filter module (50 mA/div).
Bandwidth: 20MHz. See Figure 14.
TBD
Figure 16: Output voltage ripple, Vout, at nominal input voltage and
rated load current (20 mV/div). Load capacitance: 1µF ceramic capac-
itor and 10µF tantalum capacitor. Bandwidth: 10 MHz. See Figure 14.
TBD
Figure 17: Rise of output voltage after the removal of a short circuit
across the output terminals. Ch 1: Vout (3V/div). Ch 2: Iout (10A/div).
TBD
Figure 18: SYNC OUT vs. time, driving SYNC IN of a second SynQor
MQFL converter. Ch1: SYNC OUT: (1V/div).
MQFL
Converter
MQME
Filter
See Fig. 15
See Fig. 16
1 µF
ceramic
capacitor
10 µF,
100mW ESR
capacitor
VSOURCE
iC
VOUT


Similar Part No. - MQFL-28V-12S-Y-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28V-12S-Y-ES SYNQOR-MQFL-28V-12S-Y-ES Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - MQFL-28V-12S-Y-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com