Electronic Components Datasheet Search |
|
UWFC6150A Datasheet(PDF) 1 Page - OPLINK Communications Inc. |
|
UWFC6150A Datasheet(HTML) 1 Page - OPLINK Communications Inc. |
1 / 2 page Product Description Features UWFC Series Premium Grade A Unit Coupling Ratio 1/99 to 50/50 Operating Wavelength 1270 ~ 1350 / 1510 ~ 1590 / 1600 ~ 1640 nm Uniformity (50/50) <0.5 < 0.8 Insertion Loss Split Ration : 50/50 Split Ration : 3/97 Split Ration : 2/98 Split Ration : 1/99 < 3.4 < 16.2/0.35 < 19.0/0.32 19.0 ~ 21.0 / 0.1 ~ 0.2 < 3.7 < 17.0/0.45 < 19.5/0.35 19.0 ~ 21.5 / 0.25 dB Temperature Dependent Loss < 0.15 < 0.20 dB Polarization Dependent Loss < 0.10 < 0.13 dB Temperature Sensitivity < 0.002 < 0.002 dB/°C Directivity > 55 dB Maximum Power Handling < 500 mW Operating Temperature - 10 to + 70 °C Storage Temperature - 40 to + 85 °C Package Dimensions ** P1: 250 µm bare fiber P2: 900 µm loose tube P3: 3 mm cable (ø) 3.0 x (L) 54.0 (ø) 3.0 x (L) 60.0 (L)96 x (W)12 x (H)6.4 mm Applications Performance Specificationns Note: * Values are referenced without connector loss. ** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom speci- fied. Port 1 In L Ø Port 2 Signal Port 3 Pump Port 4 (terminated for 1x2 configuration) R03.20081120 Ultra Hi-Rel Undersea Component Family Single Window Single-Mode Wideband Fiber Coupler (1x2,2x2) UWFC Series Oplink’s single-window wideband couplers split or combine light with excep- tional performance over a wide bandwidth. These couplers have very good uniformity, low excess loss and very low polarization sensitivity. All devices are supplied with all pertinent measurement data. Please contact our Oplink OEM design team for further information. Oplink’s Ultra Hi-Rel family of optical components are available for your un- dersea applications. Please contact us with your requirements. Wavelength Independent Low Polarization Sensitivity High Directivity High Stable & Reliable Undearsea |
Similar Part No. - UWFC6150A |
|
Similar Description - UWFC6150A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |