Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFL-270-09S-Y-ES Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # MQFL-270-09S-Y-ES
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-270-09S-Y-ES Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  MQFL-270-09S-Y-ES Datasheet HTML 1Page - SynQor Worldwide Headquarters MQFL-270-09S-Y-ES Datasheet HTML 2Page - SynQor Worldwide Headquarters MQFL-270-09S-Y-ES Datasheet HTML 3Page - SynQor Worldwide Headquarters MQFL-270-09S-Y-ES Datasheet HTML 4Page - SynQor Worldwide Headquarters MQFL-270-09S-Y-ES Datasheet HTML 5Page - SynQor Worldwide Headquarters MQFL-270-09S-Y-ES Datasheet HTML 6Page - SynQor Worldwide Headquarters MQFL-270-09S-Y-ES Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-270-09S-Y-ES Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-270-09S-Y-ES Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Product # MQFL-270-09S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005057 Rev. A
05/29/09
Page 2
Output:
Current:
9.0 V
13 A
MQFL-270-09S
Technical Specification
BLOCK DIAGRAM
ISOLATION STAGE
REGULATION STAGE
UVLO
OVSD
CONTROL
POWER
PRIMARY
CONTROL
Vin
INPUT
RETURN
CASE
ENABLE 1
SYNC OUT
SYNC IN
1
2
3
4
5
6
GATE DRIVERS
CURRENT
LIMIT
CURRENT
SENSE
BIAS POWER
TRANSFORMER
T1
T2
MAGNETIC
DATA COUPLING
7
8
SECONDARY
CONTROL
GATE DRIVERS
12
11
10
9
SENSE
+Vout
OUTPUT
RETURN
SHARE
ENABLE 2
+ SENSE
T1
T2
TYPICAL CONNECTION DIAGRAM
270Vdc
Load
MQFL
+VIN
IN RTN
CASE
ENA 1
SYNC OUT
SYNC IN
ENA 2
SHARE
+ SNS
– SNS
OUT RTN
+VOUT
1
2
3
4
5
6
12
11
10
9
8
7
open
means
on
open
means
on
+
+


Similar Part No. - MQFL-270-09S-Y-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-05S SYNQOR-MQFL-270-05S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-05S-Y-ES SYNQOR-MQFL-270-05S-Y-ES Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-06S-Y-ES SYNQOR-MQFL-270-06S-Y-ES Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - MQFL-270-09S-Y-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com