Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5628 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5628
Description  OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5628 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5628 Datasheet HTML 3Page - Texas Instruments TLC5628 Datasheet HTML 4Page - Texas Instruments TLC5628 Datasheet HTML 5Page - Texas Instruments TLC5628 Datasheet HTML 6Page - Texas Instruments TLC5628 Datasheet HTML 7Page - Texas Instruments TLC5628 Datasheet HTML 8Page - Texas Instruments TLC5628 Datasheet HTML 9Page - Texas Instruments TLC5628 Datasheet HTML 10Page - Texas Instruments TLC5628 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TLC5628C, TLC5628I
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS089E – NOVEMBER 1994 – REVISED APRIL 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref = 2 V, × 1 gain output range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
VI = VDD
±10
µA
IIL
Low-level input current
VI = 0 V
±10
µA
IO(sink)
Output sink current
Each DAC output
20
µA
IO(source)
Output source current
Each DAC output
2
mA
Ci
Input capacitance
15
pF
Ci
Reference input capacitance
15
pF
IDD
Supply current
VDD = 5 V
4
mA
Iref
Reference input current
VDD = 5 V,
Vref = 2 V
±10
µA
EL
Linearity error (end point corrected)
Vref = 2 V,
× 2 gain (see Note 1)
±1
LSB
ED
Differential-linearity error
Vref = 2 V,
× 2 gain (see Note 2)
±0.9
LSB
EZS
Zero-scale error
Vref = 2 V,
× 2 gain (see Note 3)
0
30
mV
Zero-scale-error temperature coefficient
Vref = 2 V,
× 2 gain (see Note 4)
10
µV/°C
EFS
Full-scale error
Vref = 2 V,
× 2 gain (see Note 5)
±60
mV
Full-scale-error temperature coefficient
Vref = 2 V,
× 2 gain (see Note 6)
±25
µV/°C
PSRR
Power supply rejection ratio
See Notes 7 and 8
0.5
mV/V
NOTES:
1. Integral nonlinearity (INL) is the maximum deviation of the output from the line between zero and full scale (excluding the effects
of zero code and full-scale errors).
2. Differential nonlinearity (DNL) is the difference between the measured and ideal 1 LSB amplitude change of any two adjacent codes.
Monotonic means the output voltage changes in the same direction (or remains constant) as a change in the digital input code.
3. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
4. Zero-scale-error temperature coefficient is given by: ZSETC = [ZSE(Tmax) – ZSE(Tmin)]/Vref × 106/(Tmax – Tmin).
5. Full-scale error is the deviation from the ideal full-scale output (Vref – 1 LSB) with an output load of 10 kΩ.
6. Full-scale error temperature coefficient is given by: FSETC = [FSE(Tmax) – FSE (Tmin)]/Vref × 106/(Tmax – Tmin).
7. Zero-scale-error rejection ratio (ZSE RR) is measured by varying the VDD from 4.5 V to 5.5 V dc and measuring the proportion of
this signal imposed on the zero-code output voltage.
8. Full-scale-error rejection ratio (FSE RR) is measured by varying the VDD from 4.5 V to 5.5 V dc and measuring the proportion of
this signal imposed on the full-scale output voltage.
operating characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref = 2 V, × 1 gain output range (unless otherwise noted)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output slew rate
CL = 100 pF,
RL = 10 kΩ
1
V/
µs
Output settling time
To
±0.5 LSB,
CL = 100 pF, RL = 10 kΩ,
See Note 9
10
µs
Large signal bandwidth
Measured at – 3 dB point
100
kHz
Digital crosstalk
CLK = 1-MHz square wave measured at DACA-DACD
–50
dB
Reference feedthrough
See Note 10
–60
dB
Channel-to-channel isolation
See Note 11
–60
dB
Reference input bandwidth
See Note 12
100
kHz
NOTES:
9. Settling time is the time between a LOAD falling edge and the DAC output reaching full-scale voltage within
±0.5 LSB starting from
an initial output voltage equal to zero.
10. Reference feedthrough is measured at any DAC output with an input code = 00 hex with a Vref input = 1 V dc + 1 Vpp at 10 kHz.
11. Channel-to-channel isolation is measured by setting the input code of one DAC to FF hex and the code of all other DACs to 00 hex
with Vref input = 1 V dc + 1 Vpp at 10 kHz.
12. Reference bandwidth is the –3 dB bandwidth with an input at Vref = 1.25 V dc + 2 Vpp and with a full-scale digital input code.


Similar Part No. - TLC5628

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5628C TI-TLC5628C Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628CDWG4 TI-TLC5628CDWG4 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628CDWR TI-TLC5628CDWR Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628CDWRG4 TI-TLC5628CDWRG4 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C_15 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5628

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C_15 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5628C TI1-TLV5628C_08 Datasheet
416Kb / 18P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com