Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTIH1514D1022 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # WTIH1514D1022
Description  1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

WTIH1514D1022 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  WTIH1514D1022 Datasheet HTML 1Page - OPLINK Communications Inc. WTIH1514D1022 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
1480/1550nm WDM/Tap Coupler/
Isolator Hybrid Combination
WTIH1514 Series
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team
or account manager for your requirements and ordering information (510) 933-7200.
R2.20070808
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Interconnect
Amplification
RGB Laser Modules
Connector
Type
None= 1
FC/PC= 2
FC/SPC= 3
FC/APC= 4
SC/PC= 5
SC/SPC= 6
SC/APC= 7
ST= 8
LC= 9
MU= A
* 1 meter is standard. The lead time for special fiber length will be longer
WTIH
Package & Fiber Type
P2+ 250µm bare fiber = 21
P2+ 900µm loose tube = 22
Fiber Length
0.5 meter = H
1.0 meter = 1
1.5 meter = 5
2.0 meter = 2
Tape Ratio
1%= 01
2%= 02
5%= 05
10%= 10
Wavelength
1550/1480nm= 1514
1585/1480nm= 1614
Stage
Single Stage= S
Dual Stage= D
Mechanical Drawing / Package Dimensions (dimension in mm)
SIGNAL
SIGNAL
40.0mm
Ø5.5mm


Similar Part No. - WTIH1514D1022

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WTIH1514D022123 OPLINK-WTIH1514D022123 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
WTIH1514D022124 OPLINK-WTIH1514D022124 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
WTIH1514D022153 OPLINK-WTIH1514D022153 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
WTIH1514D022154 OPLINK-WTIH1514D022154 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
WTIH1514D022223 OPLINK-WTIH1514D022223 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
More results

Similar Description - WTIH1514D1022

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WDIH1514 OPLINK-WDIH1514 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH15140SF1111 OPLINK-WDIH15140SF1111 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH1514-S0077 OPLINK-WDIH1514-S0077 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
MINI-WDIH54 OPLINK-MINI-WDIH54 Datasheet
224Kb / 2P
   Mini 1480/1550nm WDM/Isolator Hybrid
WDIH1598-S0079 OPLINK-WDIH1598-S0079 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH15980SF1111 OPLINK-WDIH15980SF1111 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH1598 OPLINK-WDIH1598 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WTIH1514-S0080 OPLINK-WTIH1514-S0080 Datasheet
344Kb / 2P
   1480/1550(1585)nm WDM/ Tap Couper/ Isolator Hybrid Combination
WTIH1598S01 OPLINK-WTIH1598S01 Datasheet
221Kb / 2P
   980/1550 nm WDM/Tap Coupler/Isolator Hybrid Combination
WTIH1514 OPLINK-WTIH1514 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com