Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQHL-28-3R3S-Y-ES Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # MQHL-28-3R3S-Y-ES
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQHL-28-3R3S-Y-ES Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  MQHL-28-3R3S-Y-ES Datasheet HTML 1Page - SynQor Worldwide Headquarters MQHL-28-3R3S-Y-ES Datasheet HTML 2Page - SynQor Worldwide Headquarters MQHL-28-3R3S-Y-ES Datasheet HTML 3Page - SynQor Worldwide Headquarters MQHL-28-3R3S-Y-ES Datasheet HTML 4Page - SynQor Worldwide Headquarters MQHL-28-3R3S-Y-ES Datasheet HTML 5Page - SynQor Worldwide Headquarters MQHL-28-3R3S-Y-ES Datasheet HTML 6Page - SynQor Worldwide Headquarters MQHL-28-3R3S-Y-ES Datasheet HTML 7Page - SynQor Worldwide Headquarters MQHL-28-3R3S-Y-ES Datasheet HTML 8Page - SynQor Worldwide Headquarters MQHL-28-3R3S-Y-ES Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Product # MQHL-28-3R3S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005077 Rev. 1
05/27/09
Page 5
Output:
Current:
3.3 V
15 A
MQHL-28-3R3S
Technical Specification
OLD CHARTS
To be provided in future revisions.
To be provided in future revisions.
To be provided in future revisions.
To be provided in future revisions.
To be provided in future revisions.
0
3
6
9
12
15
18
25
45
65
85
105
125
145
Case Temperature (ºC)
0
10
20
30
40
50
60
Tjmax = 105º C
Tjmax = 125º C
Tjmax = 145º C
Figure 1: Efficiency at nominal output voltage vs. load
current for minimum, nominal, and maximum input voltage
at Tcase=25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated
power vs. case temperature for input voltage of 16V, 28V,
and 40V.
Figure 3: Power dissipation at nominal output voltage vs.
load current for minimum, nominal, and maximum input
voltage at Tcase=25°C.
Figure 4: Power dissipation at nominal output voltage and
60% rated power vs. case temperature for input voltage of
16V, 28V, and 40V.
Figure 5: Output Current / Output Power derating curve as
a function of Tcase and the Maximum desired power
MOSFET junction temperature at Vin = 28V (see Note 13).
Figure 6: Output voltage vs. load current showing typical
current limit curves.
135


Similar Part No. - MQHL-28-3R3S-Y-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S-Y-ES SYNQOR-MQHL-28-05S-Y-ES Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-12S SYNQOR-MQHL-28-12S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-12S-Y-ES SYNQOR-MQHL-28-12S-Y-ES Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-7R5S SYNQOR-MQHL-28-7R5S Datasheet
1Mb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - MQHL-28-3R3S-Y-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com