Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28-T-X-B Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # MQME-28-T-X-B
Description  HIIGH RELLIIABIILLIITTY EMI FIILLTTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28-T-X-B Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  MQME-28-T-X-B Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28-T-X-B Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28-T-X-B Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28-T-X-B Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28-T-X-B Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28-T-X-B Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28-T-X-B Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28-T-X-B Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28-T-X-B Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Product # MQME-28-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME028P Rev. A
5/1/08
Page 3
Current:
Current: 20 A
20 A
MQME-28-P
MQME-28-P
T
T
T
Te
e
e
ec
c
c
ch
h
h
hn
n
n
niiiic
c
c
ca
a
a
allll S
S
S
Sp
p
p
pe
e
e
ec
c
c
ciiiiffffiiiic
c
c
ca
a
a
attttiiiio
o
o
on
n
n
n
Parameter
Min.
Nom.
Max.
Units Notes & Conditions
Group A
Vin=28V DC
±5%, Iout = 20A unless otherwise specified Subgroup3
ABSOLUTE MAXIMUM RATINGS
Input Voltage
See Note 1
Continuous
-100
100
V
Transient (£ 1 s)
-200
200
V
Isolation Voltage (input/output to case)
Continuous
-500
500
V
Transient (£ 1 s)
-1000
1000
V
Output Current
30
A
Operating Case Temperature
-55
125
°C
Storage Case Temperature
-65
135
°C
Lead Temperature (20 s)
300
°C
ELECTRICAL CHARACTERISTICS
Input Voltage
Continuous
-40
40
V
See Note 1 for negative limits
1, 2, 3
Transient (£ 1 s., Rs* = 0 W)
-50
50
V
Transient (£ 100 ms, Rs* = 0 W)
-100
100
V
See Note 1
Output Voltage (continuous)
V
1, 2, 3
Output Current (continuous)
20
A
1, 2, 3
DC Resistance Rdc
Tcase = 25ºC
25
mW
1
Tcase = 125ºC
35
mW
3
Power Dissipation (20A output current)
Tcase = 25ºC
10
W
1, 2, 3
Tcase = 125ºC
14
W
1, 2, 3
Total Differential-Mode Capacitance
71
µF
Measured across input or output pins
Total Common-Mode Capacitance
0.28
µF
Measured between any pin to case
Bulk Capacitor
58
µF
Damping Resistor
0.2
W
Noise Attenuation
See Figure 1
INPUT VOLTAGE SPIKE SUPPRESSION
Output Voltage Deviation due to a Spike 2
Input Voltage Spike (Centered on Vin)
+600 V, 10 µs, Rs = 50 W
-5
10
DV
RTCA/DO-160E
ISOLATION CHARACTERISTICS
Isolation Voltage (any pin to case)
Continuous
-500
500
V
1
Transient (£ 100 µs)
-800
800
V
Isolation Resistance (any pin to case)
100
MW
1
MQME-28-P ELECTRICAL CHARACTERISTICS
Vout = Vin - (Iin x Rdc)
* Rs = Source Impedance


Similar Part No. - MQME-28-T-X-B

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28-T SYNQOR-MQME-28-T Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28-T-X-B

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-28S SYNQOR-MQFL-28-28S Datasheet
643Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-3R3S SYNQOR-MQFL-28-3R3S Datasheet
671Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-7R5S SYNQOR-MQFL-28-7R5S Datasheet
651Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12D SYNQOR-MQFL-28-12D Datasheet
714Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15D SYNQOR-MQFL-28-15D Datasheet
717Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12S SYNQOR-MQFL-28-12S Datasheet
652Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-05S SYNQOR-MQFL-28-05S Datasheet
661Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-09S SYNQOR-MQFL-28-09S Datasheet
655Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15S SYNQOR-MQFL-28-15S Datasheet
642Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com