Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28E-HT-X-B Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # MQME-28E-HT-X-B
Description  High Reliability EMI Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28E-HT-X-B Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  MQME-28E-HT-X-B Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28E-HT-X-B Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28E-HT-X-B Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28E-HT-X-B Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28E-HT-X-B Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28E-HT-X-B Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28E-HT-X-B Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28E-HT-X-B Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28E-HT-X-B Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product # MQME-28E-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005135 Rev. A
03/18/09
Page 5
MQME-28E-P
Current: 20A
Technical Specification
Figure 1: Typical Common Mode and Differential Mode Attenuation
provided by the filter as a function of frequency. Both input lines are
connected to chassis ground through 50W resistors. The filter case is
also connected to chassis ground.
Figure 2: Typical Output Impedance (magnitude) of the filter looking
back into its output pins with the input pins connected to a source with
zero source impedance.
Figure 3: MIL-STD-461E Method CE101 Low Frequency Conducted
Emissions. Limit line (in red) is the ‘Submarine Applications DC
Curve’. Setup described on Page 7.
Figure 4: MIL-STD-461E Method CE102 High Frequency Conducted
Emissions. Limit line (in red) is the ‘Basic Curve’. Setup described on
Page 7.
Figure 5: MIL-STD-461E Method RE101 Low Frequency Radiated
Emissions. Limit line (in red) is the ‘Standard Curve’ from MIL-STD-
461C Method RE01, which is more strict than all RE101 limits. Setup
described on Page 7.
Figure 6: MIL-STD-461E Method RE102 High Frequency Radiated
Emissions. Limit line (in red) is the ‘Submarine External to Pressure
Hull Curve’. Setup described on Page 7.


Similar Part No. - MQME-28E-HT-X-B

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28E-T6 SYNQOR-MQME-28E-T6 Datasheet
7Mb / 18P
   Input over-voltage shutdown
More results

Similar Description - MQME-28E-HT-X-B

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
   EMI FILTER HYBRID / HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
logo
SynQor Worldwide Headqu...
MQME-270-P SYNQOR-MQME-270-P Datasheet
1Mb / 13P
   High Reliability EMI Filter
logo
International Rectifier
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com