Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTMA080220D2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # UTMA080220D2
Description  Unidirectional Integrated TAP Monitor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

UTMA080220D2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  UTMA080220D2 Datasheet HTML 1Page - OPLINK Communications Inc. UTMA080220D2 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Performance Specificationns
Units
Specification
Parameter
nm
1260 ~ 1360
Operating Wavelength Range
2%
5%
10%
2%
5%
10%
≤0.1
Polarization Dependent Loss
Return Loss (exclude connector)
≥45
Responsivity (Relative to Nominal
Power at Input Port)
≤0.15
≥33
≤ 5
≤ 1
≤20
≤ 5
≤21
Input Optical Power
≤16
Operating Temperature Range (<85%RH,
Non-condensing)
≤12
Storage Temperature Range (<85%RH,
Non-condensing)
SMF-28
Fiber Type
Insertion Loss (@λop, Top, All
SOP, Exclude Connectors)1
PD Dark Current (@ -5V bias, 70°C)
Bandwitch (50 ohm, 5V, -3dB)
Responsivity Polarization Dependence
Directivity 1
1510 ~ 1610
Through
Tapped
Monitoring
PD
Conditions
≤0.7
≤0.5
≤1.0
10~23
26~59
52~110
14~25
35~65
70~120
dB
dB
dB
dB
dB
dB
mA/W
mA/W
mA/W
C
°
C
°
nA
nA
dB
V
mA
dBm
dBm
dBm
0
70
-40
85
Reverse Voltage
Forward Current
2%
5%
10%
1. Directivity is defined as –10log(ℜOutPD/ℜIn→PD) where ℜ stands for responsivity
R02.20080826
Unidirectional Integrated TAP
Monitor Array
UTMA Series
Oplink’s Unidirectional Integrated Tap Monitor Array (UTMA) is assembled using
individual Unidirectional Integrated Tap Monitor (UTMS) to guarantee no optical
or electrical cross-talk among different channels. UTMS is a hybrid component
that integrates a flat spectral response of a thin-film tap with a high sensitivity PIN
photodiode for power monitoring applications.The Unidirectional feature allows
power monitoring from input port only. UTMA minimizes component assembly
costs and module footprint while increasing module design efficiency by facilitating
fiber management.
Each UTMS in the UTMA integrates the functionality of an optical coupler and a
photodiode while delivering low insertion loss and low dark current with high tem-
perature stability over a wide wavelength range. It is compact and easy to mount
on a PCB board for module and network system use.Applications include DWDM
channel power monitoring, optical network switching/protection monitoring, re-
configurable optical add/drop multiplexers, and gain/attenuation monitoring in am-
plifier systems.
Oplink can provide customized designs to meet specialized feature applications.
Also,Oplink offers modular assemblies that integrate other components to form a
full function module or subsystem.
Flat and Broad Operating Wavelength
Range
Low Insertion Loss and PDL
Low Dark Current
Various Tap Ratio Available
High Temperature Stability with
Hermetically Sealed Photodiode
Monitor Optical Signal from One
Direction Only
EDFA and Raman Amplifiers
Add/Drop and Optical Protection
Monitoring
DWDM/CWDM Systems


Similar Part No. - UTMA080220D2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UTMA080520E2111G OPLINK-UTMA080520E2111G Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
More results

Similar Description - UTMA080220D2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UTMA-S0073 OPLINK-UTMA-S0073 Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA080520E2111G OPLINK-UTMA080520E2111G Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA OPLINK-UTMA Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
ITMA OPLINK-ITMA Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA-S0017 OPLINK-ITMA-S0017 Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA080520E2111G OPLINK-ITMA080520E2111G Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
UTMSE05ECO11111G OPLINK-UTMSE05ECO11111G Datasheet
166Kb / 1P
   Eco Series Unidirectional Single Channel Tap Monitor
UTMS OPLINK-UTMS Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMSD0220 OPLINK-UTMSD0220 Datasheet
231Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMS-S0074 OPLINK-UTMS-S0074 Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com