Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04W33SMA16OSN-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # NQ04W33SMA16OSN-G
Description  SMT Surface Mount
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04W33SMA16OSN-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  NQ04W33SMA16OSN-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04W33SMA16OSN-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04W33SMA16OSN-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04W33SMA16OSN-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04W33SMA16OSN-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04W33SMA16OSN-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04W33SMA16OSN-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04W33SMA16OSN-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04W33SMA16OSN-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
T
Technical
echnical
S
Specification
pecification
NQ04W33SMA16
NQ04W33SMA16
Product # NQ04W33SMA16
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NV4S3E Rev. B
11/26/07
Page 1
TThhee N
NiiQ
Qoorr®® SSM
MTT D
DC
C/
/D
DC
C ccoonnvveerrtteerr iiss aa nnoonn--iissoollaatteedd bbuucckk
rreegguullaattoorr w
whhiicchh eem
mppllooyyss ssyynncchhrroonnoouuss rreeccttiiffiiccaattiioonn ttoo
aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffiicciieennccyy.. TThhee N
NiiQ
Qoorr
ffaam
miillyy ooff ccoonnvveerrtteerrss iiss uusseedd pprreeddoom
miinnaatteellyy iinn D
DPPA
A ssyysstteem
mss
uussiinngg aa ffrroonntt eenndd D
DC
C/
/D
DC
C hhiigghh ppoow
weerr bbrriicckk ((4
48
8VViinn ttoo lloow
w
vvoollttaaggee bbuuss)).. TThheessee nnoonn--iissoollaatteedd ccoonnvveerrtteerrss aarree tthheenn uusseedd
aatt tthhee ppooiinntt ooff llooaadd ttoo ccrreeaattee tthhee lloow
w vvoollttaaggee oouuttppuuttss
rreeqquuiirreedd bbyy tthhee ddeessiiggnn.. TThhee w
wiiddee ttrriim
m m
moodduullee ccaann bbee pprroo--
ggrraam
mm
meedd ttoo aa vvaarriieettyy ooff oouuttppuutt vvoollttaaggeess tthhrroouugghh tthhee uussee ooff
aa ssiinnggllee eexxtteerrnnaall rreessiissttoorr.. RRooH
HSS ccoom
mpplliiaanntt ((sseeee ppaaggee 1
12
2))..
Non-Isolated
Non-Isolated
2.4-6.0V
-6.0V
0.75-3.6V
0.75-3.6V
16 Amp
16 Amp
Non
Non
SMT
SMT
Input
Input
Outputs
Outputs
Current
Current
Isolated
Isolated
Sur
Sur face Mount
face Mount
• Ultra high efficiency, up to 94% at full rated load
• Delivers up to 16 Amps of output current with minimal
derating - no heatsink required
• Input Voltage Range : 2.4 - 6.0V
• Programmable output voltages from 0.75 - 3.6V
• On-board input and output filter capacitor
• No minimum load requirement means no preload resis-
tors required
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Temperature compensated over-current shutdown pro-
tects converter from excessive load current or short cir-
cuits
• Output over-voltage protection protects load from dam-
aging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Pr
Protection Features
otection Features
• UL/cUL 60950-1 recognized (US & Canada)
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives which
facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flammabil-
ity requirements
Safety Features
Safety Features
• DOSA standard SMT pin-out configuration
• Industry standard size: 1.3” x 0.53” x 0.29” (33 x
13.5 x 7.3 mm)
• Available in SIP configuration
• Total weight: 0.18 oz. (5 grams), lower mass great-
ly reduces vibration and shock problems
• Open frame construction maximizes air flow cooling
Mechanical Features
Mechanical Features
• On/Off control
• Output voltage trim (industry standard) permits custom
voltages and voltage margining
• Remote Sense (standard option)
Contr
Control Features
ol Features
NQ04W33SMA16 wide trim module


Similar Part No. - NQ04W33SMA16OSN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33SKA10 SYNQOR-NQ04W33SKA10 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ04W33SKA10OSN-G SYNQOR-NQ04W33SKA10OSN-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ04W33SKA10OSS-G SYNQOR-NQ04W33SKA10OSS-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ04W33SKA10PSN-G SYNQOR-NQ04W33SKA10PSN-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ04W33SKA10PSS-G SYNQOR-NQ04W33SKA10PSS-G Datasheet
516Kb / 13P
   SMT Surface Mount
More results

Similar Description - NQ04W33SMA16OSN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ15W50SGA30 SYNQOR-NQ15W50SGA30 Datasheet
1,022Kb / 11P
   SMT Surface Mount
NQ16W50SKA10 SYNQOR-NQ16W50SKA10 Datasheet
532Kb / 13P
   SMT Surface Mount
NQ04W33SKA10 SYNQOR-NQ04W33SKA10 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16 SYNQOR-NQ16W50SMA16 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
List of Unclassifed Man...
095516678XX741 ETC2-095516678XX741 Datasheet
171Kb / 8P
   Surface Mount Technology (SMT) board connectors
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A46X-XXXXX AVAGO-HSMX-A46X-XXXXX Datasheet
279Kb / 10P
   SMT LED Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com