Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ15W50SGA30PSD-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # NQ15W50SGA30PSD-G
Description  SMT Surface Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ15W50SGA30PSD-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button NQ15W50SGA30PSD-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ15W50SGA30PSD-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ15W50SGA30PSD-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ15W50SGA30PSD-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ15W50SGA30PSD-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ15W50SGA30PSD-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ15W50SGA30PSD-G Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ15W50SGA30PSD-G Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ15W50SGA30PSD-G Datasheet HTML 11Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Product # NQ15W50SGA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NS163E Rev. C
10/03/08
Page 9
Input:
Outputs:
Current:
Package:
6.0 - 15.0V
0.8 - 5.0V
30A
SMT
Technical Specification
Over-Temperature Shutdown:Atemperaturesensoronthe
converter senses the average temperature of the module. The ther-
mal shutdown circuit is designed to turn the converter off when the
temperatureatthesensedlocationreachestheOver-Temperature
Shutdownvalue.Itwillallowtheconvertertoturnonagainwhen
the temperature of the sensed location falls by the amount of the
Over-TemperatureShutdownRestartHysteresisvalue.
APPLICATIONCONSIDERATIONS
Input Filtering/Capacitance/Damping:Thefiltercircuitof
FigureEisoftenaddedtotheconverter’sinputtopreventswitch-
ing noise from reaching the input voltage bus.
In the SGA30 (surface mount) converters Cin = 20µF of high
quality ceramic capacitors.With Lin of 1µH, Cd should be
100-200µF and Rd should be 0.1-0.2W, in most applications.
Formoreinformationondesigningtheinputfilterandchoosing
proper values, contact SynQor technical support.
Adding significant external pure ceramic capacitance directly
across the converter’s input pins is not recommended.Parasitic
inductanceassociatedwiththeinputpingeometryandPCBtraces
cancreateahigh-QCLCcircuitwithanyexternalcapacitors.Just
a few nano-Henries of parasitic inductance can create a resonance
(or an overtone) near the converter’s switching frequency.To
avoid this high-frequency resonance, any external input filter
shouldexhibitanetsourceimpedanceofatleast20mW resistive
through this frequency range. This requirement is easily met with
the damping elements discussed above. Adding a small amount (a
fewµF)ofhigh-frequencyexternalceramicwillnotviolateit.
Ifusingconvertersathigherpowers,considertheripplecurrent
rating of Cd. Contact SynQor technical support for details.
Output Capacitance:Itisrecommendedtoaddatleast100µF
ofcapacitance,withanESRinthe0.1W range, to the output of
theSGA30seriesofconverters.Inmanyapplications,however,
additional external output capacitance is required to reduce the
response to load transients to an allowable level.
Forminimalovershootuponrecovery,Cdshouldberelatedtothe
minimumin-circuitnetESR.
For more detailed derivations of these values contact SynQor
technical support.
Active Load Sharing:Foradditionalpowerrequirements,the
SGA30seriesofconvertershaveaparallelfeatureavailable.To
implement forced load sharing, the following connections should
bemade:
• The share pins of all units in parallel must be connected
together. The path of these connections should be as direct as
possible.
•AllON/OFFpinsshouldbeconnectedtogether.
The share bus is not designed for redundant operation and the
system will be non-functional upon failure of one of the units when
multipleunitsareinparallel.Whennotusingtheparallelfeature,
leave the share pin open.
SURFACEMOUNTINFORMATION
PCB Layout Considerations:
SynQor recommends that
the customer use a non-solder mask defined pad design. The
minimumrecommendedpadsizeis0.074”x0.122”(1.88mm
x 3.1mm) and the maximum pad size is 0.095” x 0.140”
(2.41mmx3.56mm),seethemechanicaldiagramonpage2.
Interconnection to internal power planes is typically required.
This can be accomplished by placing a number of vias between
the SMT pad and the relevant plane. The number and location
of the vias should be determined based on electrical resistance,
currentandthermalrequirements.“Via-in-pad”designshouldbe
avoided in the SMT pads. Solder mask should be used to elimi-
nate solder wicking into the vias.
Pick and Place: The NiQor surface mount modules are
designed for automated assembly using standard SMT pick and
place equipment. The modules have a centrally located inductor
component with a flat surface area to be used for component
pick-up. The units use open frame construction and have a low
mass that is within the capability of standard pick and place
equipment. Those modules however have a larger mass than most
conventionalSMTcomponentsandsovariablessuchasnozzle
size,tipstyle,handlingspeed,andplacementpressureshouldbe
optimizedforbestresults.Aconformaltippedplacementnozzle
design is recommended.Coplanarity of better than 0.004”
(0.1mm)isachievedthroughtheSMTNiQor’sterminaldesign.
Figure H: Converter with Additional Output Capacitance
Figure E: converter with Input Filter


Similar Part No. - NQ15W50SGA30PSD-G

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
NQ10M250D HUBBELL-NQ10M250D Datasheet
276Kb / 2P
   Yellow Female Disconnect, #12 - 10 AWG
logo
SynQor Worldwide Headqu...
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS1-G SYNQOR-NQ10W50PKA07QS1-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS2-G SYNQOR-NQ10W50PKA07QS2-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS3-G SYNQOR-NQ10W50PKA07QS3-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
More results

Similar Description - NQ15W50SGA30PSD-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33SMA16 SYNQOR-NQ04W33SMA16 Datasheet
517Kb / 13P
   SMT Surface Mount
NQ16W50SKA10 SYNQOR-NQ16W50SKA10 Datasheet
532Kb / 13P
   SMT Surface Mount
NQ04W33SKA10 SYNQOR-NQ04W33SKA10 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16 SYNQOR-NQ16W50SMA16 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
List of Unclassifed Man...
095516678XX741 ETC2-095516678XX741 Datasheet
171Kb / 8P
   Surface Mount Technology (SMT) board connectors
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A46X-XXXXX AVAGO-HSMX-A46X-XXXXX Datasheet
279Kb / 10P
   SMT LED Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com