Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28-HT-X-C Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # MQME-28-HT-X-C
Description  HIIGH RELLIIABIILLIITTY EMI FIILLTTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28-HT-X-C Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button MQME-28-HT-X-C Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28-HT-X-C Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28-HT-X-C Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28-HT-X-C Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28-HT-X-C Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28-HT-X-C Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-28-HT-X-C Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-28-HT-X-C Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-28-HT-X-C Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Product # MQME-28-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME028P Rev. A
5/1/08
Page 10
Current:
Current: 20 A
20 A
MQME-28-P
MQME-28-P
T
T
T
Te
e
e
ec
c
c
ch
h
h
hn
n
n
niiiic
c
c
ca
a
a
allll S
S
S
Sp
p
p
pe
e
e
ec
c
c
ciiiiffffiiiic
c
c
ca
a
a
attttiiiio
o
o
on
n
n
n
CONSTRUCTION AND ENVIRONMENTAL STRESS SCREENING OPTIONS
MilQor converters and filters are offered in four variations of construction technique and environmental stress screening options. The
three highest grades, C, ES, and HB, all use SynQor’s proprietary QorSeal™ Hi-Rel assembly process that includes a Parylene-C coat-
ing of the circuit, a high performance thermal compound filler, and a nickel barrier gold plated aluminum case. The B-grade version
uses a ruggedized assembly process that includes a medium performance thermal compound filler and a black anodized aluminum
case. Each successively higher grade has more stringent mechanical and electrical testing, as well as a longer burn-in cycle. The ES-
and HB-Grades are also constructed of components that have been procured through an element evaluation process that pre-qualifies
each new batch of devices.
† Note: Since the surface of the black anodized case is not guaranteed to be electrically conductive, a star washer or similar device
should be used to cut through the surface oxide if electrical connection to the case is desired.
QorSeal
QorSeal
QorSeal
Ruggedized
Construction
Process
Yes
Yes
*
*
2009
External Visual
Full QorSeal
Full QorSeal
Full QorSeal
Anodized Package
Mechanical Seal,
Thermal, and
Coating Process
+25oC
24 Hrs @ +125oC
No
No
Yes
C-Grade
(-40oC to +100oC)
* Per IPC-A-610 (Rev. D) Class 3
160 Hrs @ +125oC
96 Hrs @ +125oC
12 Hrs @ +100oC
Method 1015
Load Cycled
•28V input
•10s period
•2s @ Iout=6A
•8s @ Iout=0A
Burn-in
Condition A
(5000g)
500g
No
Method 2001
(Y1 Direction)
Constant
Acceleration
Condition C
(-65oC to +150oC)
Condition B
(-55oC to +125oC)
No
Method 1010
Temperature Cycle
Yes
Yes
Yes
*
Internal Visual
-55, +25, +125oC
-45, +25, +100oC
+25oC
Method 5005
(Group A)
Final Electrical Test
HB-Grade
(-55oC to +125oC)
(Element Evaluation)
ES-Grade
(-55oC to +125oC)
(Element Evaluation)
B-Grade
(-40oC to +85oC)
Consistent with
MIL-STD-883F
Screening
QorSeal
QorSeal
QorSeal
Ruggedized
Construction
Process
Yes
Yes
*
*
2009
External Visual
Full QorSeal
Full QorSeal
Full QorSeal
Anodized Package
Mechanical Seal,
Thermal, and
Coating Process
+25oC
24 Hrs @ +125oC
No
No
Yes
C-Grade
(-40oC to +100oC)
* Per IPC-A-610 (Rev. D) Class 3
160 Hrs @ +125oC
96 Hrs @ +125oC
12 Hrs @ +100oC
Method 1015
Load Cycled
•28V input
•10s period
•2s @ Iout=6A
•8s @ Iout=0A
Burn-in
Condition A
(5000g)
500g
No
Method 2001
(Y1 Direction)
Constant
Acceleration
Condition C
(-65oC to +150oC)
Condition B
(-55oC to +125oC)
No
Method 1010
Temperature Cycle
Yes
Yes
Yes
*
Internal Visual
-55, +25, +125oC
-45, +25, +100oC
+25oC
Method 5005
(Group A)
Final Electrical Test
HB-Grade
(-55oC to +125oC)
(Element Evaluation)
ES-Grade
(-55oC to +125oC)
(Element Evaluation)
B-Grade
(-40oC to +85oC)
Consistent with
MIL-STD-883F
Screening


Similar Part No. - MQME-28-HT-X-C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28-T SYNQOR-MQME-28-T Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28-HT-X-C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-28S SYNQOR-MQFL-28-28S Datasheet
643Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-3R3S SYNQOR-MQFL-28-3R3S Datasheet
671Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-7R5S SYNQOR-MQFL-28-7R5S Datasheet
651Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12D SYNQOR-MQFL-28-12D Datasheet
714Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15D SYNQOR-MQFL-28-15D Datasheet
717Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12S SYNQOR-MQFL-28-12S Datasheet
652Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-05S SYNQOR-MQFL-28-05S Datasheet
661Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-09S SYNQOR-MQFL-28-09S Datasheet
655Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15S SYNQOR-MQFL-28-15S Datasheet
642Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com