Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04W33HMA16ORN-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # NQ04W33HMA16ORN-G
Description  SIP DC/DC converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04W33HMA16ORN-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  NQ04W33HMA16ORN-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04W33HMA16ORN-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04W33HMA16ORN-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04W33HMA16ORN-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04W33HMA16ORN-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04W33HMA16ORN-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04W33HMA16ORN-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04W33HMA16ORN-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04W33HMA16ORN-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
3.0 - 6.0V
3.0 - 6.0V
0.75 - 3.6V
0.75 - 3.6V
16A
16A
SIP
SIP
T
Technical S
echnical Specification
pecification
Product # NQ04W33xMA16
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NV4V3E Rev. B
11/26/07
Page 3
See previous page for notes and pin designations.
0.000
(0.00)
0.100
(2.54)
0.200
(5.08)
0.300
(7.62)
0.400
(10.16)
1.300
(33.02)
1.400
(35.56)
1.500
(38.10)
1.600
(40.64)
1.700
(43.18)
1.800
(45.72)
1.900
(48.26)
0.500
(12.70)
0.050
(1.27)
0.288
(7.32)
0.315 Max
(8.0 Max)
0.128 Min
(3.25 Min)
0.040 PCB Ref.
(1.02)
0.330
(8.38)
0.050
(1.27)
2.00
(50.8)
12
3
45
6
7
8
9
A
10 11
MECHANICAL
DIAGRAM
Ref.
Front View
Horizontal Mount
Side View
0.197 Max
(5.0 Max)
0.185
(4.7)
0.025 + 0.003
(0.64 + 0.076)
SQ. Typ.


Similar Part No. - NQ04W33HMA16ORN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33HKA10ORN-G SYNQOR-NQ04W33HKA10ORN-G Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ04W33HKA10ORS-G SYNQOR-NQ04W33HKA10ORS-G Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ04W33HKA10PRN-G SYNQOR-NQ04W33HKA10PRN-G Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ04W33HKA10PRS-G SYNQOR-NQ04W33HKA10PRS-G Datasheet
527Kb / 13P
   SIP Single Inline Pins
More results

Similar Description - NQ04W33HMA16ORN-G

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03_16 Datasheet
551Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Murata Power Solutions ...
HPR203 MURATA-PS-HPR203 Datasheet
97Kb / 3P
   HPR203 MINIATURE SIP DC/DC CONVERTER
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
CUI INC
VHS1-S5-S5-SIP CUI-VHS1-S5-S5-SIP_11 Datasheet
147Kb / 3P
   VHS1-SIP Series Dc-Dc Converter
logo
MORNSUN Science& Techno...
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com