Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ16W50SKA10OSN-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # NQ16W50SKA10OSN-G
Description  SMT Surface Mount
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ16W50SKA10OSN-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button NQ16W50SKA10OSN-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ16W50SKA10OSN-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ16W50SKA10OSN-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ16W50SKA10OSN-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ16W50SKA10OSN-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ16W50SKA10OSN-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ16W50SKA10OSN-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ16W50SKA10OSN-G Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ16W50SKA10OSN-G Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # NQ16W50SKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS15W10 Rev. A
11/26/07
Page 6
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
6.0 - 16.0V
6.0 - 16.0V
0.75 - 5.0V
0.75 - 5.0V
10A
10A
SMT
SMT
T
Technical S
echnical Specification
pecification
Figure 11: Output voltage response for 1.5V, 2.5V, 5V units to step-change in
load current (50-75-50% of Iout max; di/dt=0.1A/µ s). Load cap: 100µ F,
100m
W ESR tant, 10µ F cer. Ch 1: Iout (10A/div), Ch 2-4: Vout (100mV/div).
Figure 12: Output voltage response for 1.5V, 2.5V, 5V units to step-change in
load current (50-75-50% of Iout max; di/dt=3A/µ s). Load cap: 470µ F, 100m
W
ESR tant, 10µ F cer. Ch 1: Iout (10A/div), Ch 2-4: Vout (100mV/div).
0
2
4
6
8
10
12
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
6 layers 2oz cu board
Figure 7: Maximum output power derating curves for 3.3Vo, 5.0Vo
units under various thermal conditions and nominal input voltage. See
Thermal Considerations section for more details.
Figure 8: Thermal plot of 3.3Vo, 5.0Vo converters at nominal Vin and
10 amp load current mounted on a 70°C, 6-Layer, 2 oz. copper board
(typical installation).
Figure 9: Turn-on transient at full load (resistive load) (2 ms/div).
Ch 1: ON/OFF input (5V/div)
Ch 2-4: Vout (1V/div)
Figure 10: Turn-on transient at zero load (2 ms/div).
Ch 1: ON/OFF input (5V/div)
Ch 2-4: Vout (1V/div)
Semiconductor junction temperature is
within 1°C of surface temperature
1.8Vout
5.0Vout
3.3Vout
on/off
0.75Vout
1.8Vout
5.0Vout
3.3Vout
on/off
0.75Vout
2.5Vout
1.5Vout
5.0Vout
2.5Vout
1.5Vout
5.0Vout
Iout
Iout


Similar Part No. - NQ16W50SKA10OSN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ16W50SMA16 SYNQOR-NQ16W50SMA16 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16OSN-G SYNQOR-NQ16W50SMA16OSN-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16OSS-G SYNQOR-NQ16W50SMA16OSS-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16PSN-G SYNQOR-NQ16W50SMA16PSN-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16PSS-G SYNQOR-NQ16W50SMA16PSS-G Datasheet
516Kb / 13P
   SMT Surface Mount
More results

Similar Description - NQ16W50SKA10OSN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ15W50SGA30 SYNQOR-NQ15W50SGA30 Datasheet
1,022Kb / 11P
   SMT Surface Mount
NQ04W33SMA16 SYNQOR-NQ04W33SMA16 Datasheet
517Kb / 13P
   SMT Surface Mount
NQ04W33SKA10 SYNQOR-NQ04W33SKA10 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16 SYNQOR-NQ16W50SMA16 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
List of Unclassifed Man...
095516678XX741 ETC2-095516678XX741 Datasheet
171Kb / 8P
   Surface Mount Technology (SMT) board connectors
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A46X-XXXXX AVAGO-HSMX-A46X-XXXXX Datasheet
279Kb / 10P
   SMT LED Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com