Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ16W50HKA10ORN Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # NQ16W50HKA10ORN
Description  SIP Single Inline Pins
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ16W50HKA10ORN Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button NQ16W50HKA10ORN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ16W50HKA10ORN Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product # NQ16W50xKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NK12WE Rev. A
11/26/07
Page 10
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
6.0 - 16.0V
6.0 - 16.0V
0.75 - 5.0V
0.75 - 5.0V
10A
10A
SIP
SIP
T
Technical S
echnical Specification
pecification
BASIC OPERATION AND FEATURES
The NiQor series non-isolated converter uses a buck-converter
that keeps the output voltage constant over variations in line,
load, and temperature. The NiQor modules employ synchronous
rectification for very high efficiency.
Dissipation throughout the converter is so low that it does not
require a heatsink or metal baseplate for operation. The NiQor
converter can thus be built more simply and reliably using high
yield surface mount techniques on a single PCB substrate.
The NiQor series of SIPs and SMT converters uses the established
industry standard footprint and pin-out configurations.
CONTROL FEATURES
REMOTE ON/OFF: The ON/OFF input permits the user to con-
trol when the converter is on or off. There are currently two
options available for the ON/OFF input described in the table
below. Others may become available if demand exists.
OUTPUT VOLTAGE TRIM: The TRIM input permits the user to
adjust the output voltage according to the trim range specifica-
tions by using an external resistor. If the TRIM feature is not being
used, leave the TRIM pin disconnected.
TRIM-UP: To increase the output voltage from the nominal set-
point of 0.7525V using an external resistor, connect the resistor
Rtrim-up between the TRIM and the Ground pin according to the
diagram below.
For a desired increase of the nominal output voltage, the value of
the resistor should be:
To maintain the accuracy of the output voltage over load current,
it is vital that any trim-up resistor be terminated directly to the con-
verter's ground foot, not at the connection to the load. A sepa-
rate Kelvin connection to the PCB pad for the ground foot is opti-
mal. Trim-down resistors should be terminated at the converter's
Sense+ pin.
We do not recommend bypassing the trim pin directly to ground
with a capacitor. The voltage gain from the trim pin to output is
rather large, 15:1. Ground bounce through a bypass capacitor
could introduce significant noise to the converter's control circuit.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the appli-
cation note titled “Input System Instability”. The lockout circuitry
is a comparator with DC hysteresis. When the input voltage is
rising, it must exceed the typical Turn-On Voltage Threshold value
(listed on the specification page) before the converter will turn
on. Once the converter is on, the input voltage must fall below
the typical Turn-Off Voltage Threshold value before the converter
will turn off.
Output Current Limiting: To provide protection in an output
over load fault condition, the unit is equipped with internal over-
current protection. When the over-current protection is triggered,
the unit enters hiccup mode. The units operate normally once the
fault condition is removed.
Internal Over-Voltage Protection: To fully protect from
excessive output voltage, the NQ16 series contains an Output
Over-Voltage Shutdown circuitry.
This OVP is independent of the trimmed setpoint. As such, the
converter's load is protected from faults in the external trim cir-
cuitry (such as a trim pin shorted to ground). Since the setpoint
of this OVP does not track trim, it is set at 6.0V, in the wide-trim
W50 model.
Rtrim-up
Vin
On/Off
Vout
Sense+
Trim
Gnd
(W)
Rtrim-up =
where
VDES = Desired Output Voltage
VDES - 0.7525
10500
_ 1000
(W)
VOUT =
10500
Rtrim-up + 1000
or
0.7525 +
Option
Description
Pin-Open
Float
Voltage
Pin-Open
Converter
State
Pin Action
P Logic
Positive/Open
5
On
Pull Low = Off
O Logic
Negative/Open
0
On
Pull High = Off


Similar Part No. - NQ16W50HKA10ORN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ16W50HMA16ORN-G SYNQOR-NQ16W50HMA16ORN-G Datasheet
539Kb / 13P
   SIP Single Inline Pins
NQ16W50HMA16ORS-G SYNQOR-NQ16W50HMA16ORS-G Datasheet
539Kb / 13P
   SIP Single Inline Pins
NQ16W50HMA16PRN-G SYNQOR-NQ16W50HMA16PRN-G Datasheet
539Kb / 13P
   SIP Single Inline Pins
NQ16W50HMA16PRS-G SYNQOR-NQ16W50HMA16PRS-G Datasheet
539Kb / 13P
   SIP Single Inline Pins
More results

Similar Description - NQ16W50HKA10ORN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33XKA10 SYNQOR-NQ04W33XKA10 Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ16W50XMA16 SYNQOR-NQ16W50XMA16 Datasheet
539Kb / 13P
   SIP Single Inline Pins
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
Hamamatsu Corporation
S8673 HAMAMATSU-S8673 Datasheet
125Kb / 2P
   One-dimensional PSD using SIP (Single Inline Package)
logo
Yamaichi Electronics Co...
IC-657-1-MF YAMAICHI-IC-657-1-MF Datasheet
82Kb / 1P
   Dual Inline Memory Module 144, 172 and 200 Pins
logo
Picker Components
S1A050000 PICKER-S1A050000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
Yamaichi Electronics Co...
IC-176-4-MF YAMAICHI-IC-176-4-MF Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com