Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ20T20QGC40NNS-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # NQ20T20QGC40NNS-G
Description  Quarter-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ20T20QGC40NNS-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  NQ20T20QGC40NNS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ20T20QGC40NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product # NQ20x20QGC40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NQ2020W Rev. B
03/06/09
Page 3
Input:
Outputs:
Current:
Package:
10 - 20 V
0 - 20 V
40 A
Quarter-brick
Technical Specification
NQ20x20QGC40 ELECTRICAL CHARACTERISTICS
Ta = 25 °C, airflow rate = 300 LFM, Vin = 24 V dc unless otherwise noted; full operating temperature range is -40 °C to +105 °C ambient temperature with appropriate power derating.
Specifications subject to change without notice.
Parameter
Vout Min.
Typ.
Max. Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
All
0
30
V
Continuous
Operating
All
20
V
Continuous
Storage Temperature
All
-55
125
°C
Voltage at ON/OFF input pin
All
0
5.5
V
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range
All
9
20
V
Turn on at 10V
Input Fuse Rating
All
40
A
Fast blow external fuse recommended
Input Current
40
A
Input current max equals output rated current
External Input Capacitance
All
100
µF
ESR < 1.5 Ω
Output Voltage
All
0
20
V
Output Current
All
0
40
A
Output voltage dependent
INPUT CHARACTERISTICS
Input Under-Voltage Lockout
Turn-On Voltage Threshold
All
9.2
9.5
10
V
Turn-Off Voltage Threshold
All
8.1
8.5
8.9
V
Lockout Hysteresis
All
1.0
V
Input Current Limit
All
48
A
No-Load Input Current
12
175
mA
24
135
mA
48
300
mA
Disabled Input Current
All
60
mA
Input Filter Components Value (C\L\C)
All
40\0.47\120
µF\µH\µF
OUTPUT CHARACTERISTICS
Output Voltage Range
All
0
20
V
Set output by Rtrim resistor
Operating Output Current Range
All
0
40
A
Output Voltage Regulation
Total Output Voltage Range
All
±160 mV ±4%*Vout
Sense pin, over sample, line, load, temp. & life
Output Voltage Ripple and Noise (pk-pk/36Vin)
5
15
mV
12 Vin Full Load; 100uF; 20 MHz b.w.
12
15
mV
"
20
40
mV
Output DC Over Current limit
All
48
A
Effective on input, output condition
External Output Capacitance
All
0
5000
µF
ESR > 1 mΩ
C Option: Isense voltage
No load
All
1.25
V
Full load
All
1.83
V
40 A load
Output resistance of Isense
All
10
C Option: Itrim voltage
Voltage at no load
All
0.12
V
Voltage at maximum load
All
2.12
V
40 A load
Pull-Up Resistance of Itrim Pin
All
10.2
Pull-Up Voltage
All
2.5
V
C Option: Reverse Current
All
2
µA
Enabled or Disabled
TEMP LIMITS FOR POWER DERATING
Semiconductor Junction Temperature
All
125
°C
Package rated to 150 °C
Board Temperature
All
125
°C
ULrated max operating temp 130 °C
Baseplate Temperature
All
100
°C
EFFICIENCY
100% Load; 24 Vin
12
94
%
“ ; 48 Vin
5
88
%
“ ; 24 Vin
20
94
%
W mode only
50% Load; 24 Vin
12
95
%
“ ; 48 Vin
5
91
%
“ ; 24 Vin
20
95
%
W mode only


Similar Part No. - NQ20T20QGC40NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ20T20EGC10NKC-G SYNQOR-NQ20T20EGC10NKC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NKS-G SYNQOR-NQ20T20EGC10NKS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NNC-G SYNQOR-NQ20T20EGC10NNC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NNS-G SYNQOR-NQ20T20EGC10NNS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NRC-G SYNQOR-NQ20T20EGC10NRC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ20T20QGC40NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com