Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ24018QGA25PNS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ24018QGA25PNS
Description  25 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24018QGA25PNS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ24018QGA25PNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ24018QGA25PNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ24018QGA25PNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ24018QGA25PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24018QGA25PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24018QGA25PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24018QGA25PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24018QGA25PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24018QGA25PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ24018QGA25
Phone 1-888-567-9596
Doc.# 005-2QG218D_A
3/1/02
Page 2
Technical Specification
24Vin 1.8Vout 25A
Quarter
Quarter
Brick
Brick
Shown Actual Size
Pin No.
Name
Function
1
Vin(+)
Positive input voltage (18 - 36V)
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
Vin(-)
Negative input voltage
4
Vout(-)
Negative output voltage
5
SENSE(-)
Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+)
Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1. Pin 5 should be connected to Vout(-) at load.
2. Leave Pin 6 open for nominal output voltage.
3. Pin 7 should be connected to Vout(+) at load.
ABSOLUTE MAXIMUM RATINGS
Input Voltage:
Non-Operating: 72V continuous
Operating:
60V continuous
Input/Output Isolation Voltage: 2000V
Storage Temperature: -55°C to +125°C
Operating Temperature: -40°C to +115°C
Voltage at ON/OFF input pin: +18V / -2V
OPTIONS
• Logic sense - Negative (N); converter is on when the
ON/OFF signal is low. Positive (P); converter is on
when the ON/OFF signal is high. Logic input is TTL
compatible with an internal pull up. Use N or P as
13th letter in part number to indicate logic.
• Pin Length - a variety of pin lengths are available for
all modules (see last page). The14th letter in the part
number indicates pin length.
• Feature Set - Quarter-bricks are available with
Standard (S) feature options only. Use S as 15th letter
in part number to indicate feature set.
SAFETY
• UL 1950 - All modules are UL 1950 recognized (US &
Canada) with basic insulation rating.
• EN60950 - All modules are TUV certified to EN60950
requirements.
• 72/23/EEC - All modules meet 72/23/EEC directives.
• 93/68/EEC - All modules meet 93/68/EEC directives.
• 94V-0 - All modules meet 94V-0 flammability require-
ments for board and plastic components.
• NEBS - All modules meet NEBS compatibility.
• An external input fuse must always be used to meet
these safety requirements.
1) Pins 1-3, 5-7 are 0.040” (1.02mm) dia. with
0.080” (2.03mm) dia. standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) dia. with 0.100”
(2.54mm) dia. standoff shoulders.
3) Other pin extension lengths available.
4) Undimensioned components are for visual reference only.
5) Weight: 1.2 oz. (34g) typical
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Workmanship: Meets or exceeds IPC-A-610B Class II
0.40
(10.2)
0.300
(7.62)
1.45
(36.8)
0.43
(10.9)
0.14
(3.6)
2.30
(58.4)
2.00
(50.8)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.600
(15.24)
Top View
Side View
0.145
(3.68)
See Note 3


Similar Part No. - PQ24018QGA25PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24018QGw25xyz SYNQOR-PQ24018QGw25xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24018QGA25PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QGA25 SYNQOR-PQ60025QGA25 Datasheet
753Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25 SYNQOR-PQ48015QGA25 Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020QGA25 SYNQOR-PQ48020QGA25 Datasheet
739Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QGA25 SYNQOR-PQ60033QGA25 Datasheet
745Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HMA25 SYNQOR-PQ48050HMA25 Datasheet
788Kb / 14P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com