Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ60T60QGC20NNC-G Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # NQ60T60QGC20NNC-G
Description  Quarter-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ60T60QGC20NNC-G Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  NQ60T60QGC20NNC-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ60T60QGC20NNC-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ60T60QGC20NNC-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ60T60QGC20NNC-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ60T60QGC20NNC-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ60T60QGC20NNC-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ60T60QGC20NNC-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ60T60QGC20NNC-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ60T60QGC20NNC-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product # NQ60x60QGC20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NQ6060W Rev. B
03/16/09
Page 2
Input:
Outputs:
Current:
Package:
9 - 60 V
0 - 60 V
20 A
Quarter-brick
Technical Specification
.600[ 15,24 ]
[ 4,65±0,5 ]
.183±.020
.300[
]
7,62
.468±
[
]
11,89±
.020
0,5
SEE NOTES 1
2 PLACES
M3 THREADED INSERTS
& 2
BOTTOMSIDE
CLEARANCE
[
.020±
0,51±
.010
0,25]
2.00
[ 50,8]
±0,5]
±.020
2.386
[ 60,6
1.86
[ 47,2 ]
.515±.025
[13.08± 0.63]
OVERALL HEIGHT
.263±.020
[ 6,7±0,5 ]
1.536 ±.020
[ 39,01±0,5]
.810 [ 20,57 ]
.600 [ 15,24 ]
.450 [ 11,43 ]
.300 [ 7,62 ]
.150 [ 3,81 ]
8 7 6 5 4
1
2
3
.145
[
]
3,68
Top View
Side View
MECHANICALDIAGRAM
PINDESIGNATIONS
Notes:
1.SENSE(–)shouldbeconnectedtoVout(–)eitherremotelyorattheconverter.
2.SENSE(+)shouldbeconnectedtoVout(+)eitherremotelyorattheconverter.
NOTES
1)Pins1-3,5-7are0.040"(1.02mm)diameter.with0.080”
(2.03mm)diameterstandoffshoulders.
2)Pins4and8are0.062”(1.57mm)diameterwith0.100”(2.54
mm)diameterstandoffshoulders.
3)Otherpinextensionlengthsavailable.Recommendedpinlengthis
0.03”(0.76mm)greaterthanthePCBthickness.
4)AllPins: Material-CopperAlloy
Finish-MatteTinoverNickelplate
5)Undimensionedcomponentsareshownforvisualreferenceonly.
6)Alldimensionsininches(mm)
Tolerances: x.xx±0.02”(x.x±0.5mm)
x.xxx±0.010”(x.xx±0.25mm)
7)Weight:
3oz(85g)typical
8)Workmanship:MeetsorexceedsIPC-A-610CClassII
PinNo. Name Function
1
Vin(+) Positiveinputvoltage
2
ON/OFF TTLinputtoturnconverteronandoff,ref-
erencedtoVin(-),withinternalpullup
3
Vin(-) Negativeinputvoltage,internalshortto
Pin4
4
Vout(-) Negativeoutputvoltage,internalshortto
Pin3
5
SENSE
(-)
Negativeremotesense1(Soption)
Itrim(Coption)
6
TRIM Outputvoltagetrim
7
SENSE
(+)
Positiveremotesense2(Soption)
Isense(Coption)
8
Vout(+) Positiveoutputvoltage
NOTES
1)
M3 SCREWS USED TO BOLT UNIT'S BASEPLATE TO OTHER SURFACES
SUCH AS HEATSINKS MUST NOT EXCEED 0.090" (2.28mm) DEPTH
BELOW
THE SURFACE OF THE BASEPLATE.
2)
APPLIED TORQUE PER SCREW SHOULD NOT EXCEED 6in-lb (0.7Nm)
3)
BASEPLATE FLATNESS TOLERANCE IS 0.004" (.10mm) TIR FOR
SURFACE
4)
PINS 1-3, 5-7 ARE 0.040" (1.02mm) DIA. WITH 0.080" (2.03mm) DIA.
STANDOFF SHOULDERS
5)
PINS 4 AND 8 ARE 0.062" (1.57mm) DIA. WITH 0.100" (2.54mm)
DIA. STANDOFF SHOULDERS
6)
ALL PINS: MATERIAL: COPPER ALLOY
FINISH: MATTE TIN OVER NICKEL PLATE
7)
UNDIMENSIONED COMPONENTS ARE SHOWN FOR VISUAL
REFERENCE ONLY
8)
ALL DIMENSIONS IN INCHES(mm)
TOLERANCES: X.XXIN +/-0.02 (X.Xmm +/-0.5mm) X.XXXIN +/-
0.010 (X.XXmm +/-0.25mm)
9)
Weight: =3oz (85g) typical
10) Workmanship: Meets or exceeds IPC-A-610C Class II
PIN DESIGNATIONS
Pin Label
Function
1
Vin(+)
Positive input
2
ON/OFF
TTL input to turn converter on and off,
referenced to Vin(-), with internal pull up
3
Vin
(-)
Negative input voltage, internal short to
Pin 4
4
Vout
(-)
Negative output voltage, internal short to
Pin 3
5
SENSE
(-)
Negative remote sense. See note 1
(S option)
Isense (C option)
6
TRIM
Output voltage trim
7
SENSE
(+)
Positive remote sense. See note
(S option)
Isense (C option)
8
Vout(+)
Positive output voltage
Notes:
1)SENSE(–) should be connected to Vout(–) either remotely or at
the converter
2)SENSE(+) should be connected to Vout(+) either remotely or at
the converter.


Similar Part No. - NQ60T60QGC20NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ60T60EGC05NKC-G SYNQOR-NQ60T60EGC05NKC-G Datasheet
721Kb / 9P
   Eighth-brick DC-DC Converter
NQ60T60EGC05NKS-G SYNQOR-NQ60T60EGC05NKS-G Datasheet
721Kb / 9P
   Eighth-brick DC-DC Converter
NQ60T60EGC05NNC-G SYNQOR-NQ60T60EGC05NNC-G Datasheet
721Kb / 9P
   Eighth-brick DC-DC Converter
NQ60T60EGC05NNS-G SYNQOR-NQ60T60EGC05NNS-G Datasheet
721Kb / 9P
   Eighth-brick DC-DC Converter
NQ60T60EGC05NRC-G SYNQOR-NQ60T60EGC05NRC-G Datasheet
721Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ60T60QGC20NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com