Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ24050QGA20PRS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ24050QGA20PRS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24050QGA20PRS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ24050QGA20PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ24050QGA20PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ24050QGA20PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24050QGA20PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24050QGA20PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24050QGA20PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24050QGA20PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24050QGA20PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ24050QGA20PRS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # PQ24050QGA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG250D Rev. C
03/13/06
Page 6
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
18-36 V
18-36 V
5 V
5 V
20 A
20 A
Quarter-brick
Quarter-brick
0
2
4
6
8
10
12
14
16
18
20
0
25
40
55
70
85
Ambient Air Temperature (
oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 7: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from input to output (nominal input voltage).
Figure 8: Thermal plot of converter at 14 amp load current (70W) with
55°C air flowing at the rate of 200 LFM. Air is flowing across the con-
verter from input to output (nominal input voltage).
Figure 9: Turn-on transient at full load (resistive load) (2 ms/div).
Input voltage pre-applied. Ch 1: Vout (2V/div). Ch 2: ON/OFF input
(5V/div)
Figure 10: Turn-on transient at zero load (2 ms/div).
Ch 1: Vout (2V/div)
Ch 2: ON/OFF input (5V/div)
Figure 11: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 10µF, 100 m
ESR tantalum capac-
itor and 1µF ceramic capacitor. Ch 1: Vout (200mV/div), Ch 2: Iout (10A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 5A/µs). Load cap: 470µF, 30 m
ESR tantalum
capacitor and 1µF ceramic cap. Ch 1: Vout (200mV/div), Ch 2: Iout (10A/div).
Semiconductor junction temperature is
within 1°C of surface temperature


Similar Part No. - PQ24050QGA20PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24050QGw20xyz SYNQOR-PQ24050QGw20xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24050QGA20PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com