Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04010HMA15PRN Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # NQ04010HMA15PRN
Description  16Amp, wide ouput range, Non-Isolated DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04010HMA15PRN Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  NQ04010HMA15PRN Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04010HMA15PRN Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04010HMA15PRN Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04010HMA15PRN Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04010HMA15PRN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04010HMA15PRN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04010HMA15PRN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04010HMA15PRN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04010HMA15PRN Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 4
Technical Specification
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
Parameter
Setpoint
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
All
6.0
V
continuous
Operating
All
3.0
5.5
V
continuous
Operating Transient Protection
All
7.0
V
100ms transient
Operating Temperature
All
-40
105
°C
Storage Temperature
All
-55
125
°C
Voltage at ON/OFF input pin (N, O options)
All
-3
6.5
V
Negative and Negative/Open logic
Voltage at ON/OFF input pin (P option)
All
-0.5
Vin + 0.3
V
Positive/Open logic
INPUT CHARACTERISTICS
Operating Input Voltage Range
1
0.9-2.5V
3.0
3.3-5.0
5.5
V
Referenced notes on pg. 6
3.3V
4.5
5.0
5.5
V
Input Under-Voltage Lockout
1
Turn-On Voltage Threshold
0.9-2.5V
1.9
2.4
2.85
V
Turn-On Voltage Threshold
3.3V
4.1
4.3
4.5
V
Turn-Off Voltage Threshold
0.9-2.5V
1.9
2.3
2.85
V
Turn-Off Voltage Threshold
3.3V
3.5
3.7
4.0
V
Maximum Input Current
2 (3.0Vin\4.5Vin)
0.9V
6.8\4.6
A
100% Load, 3.0Vin\4.5Vin, nominal Vout
1.0V
7.4\5.0
A
(+10%), full temp range, for all voltages.
1.2V
8.7\5.8
A
1.5V
10.4\7.0
A
1.8V
12.2\8.2
A
2.5V
16.3\11.0
A
3.3V
14.2
A
3.3Vout at 4.5Vin only
No-Load Input Current (3.3Vin)
0.9-2.5V
80
105
mA
No-Load Input Current (5.0Vin)
0.9-2.5V
100
130
mA
3.3V
80
105
mA
Disabled Input Current
0.9-2.5V
15
25
mA
3.3V
10
20
mA
Inrush Current Transient Rating
All
0.1
A2s
Response to Input Transient (3.3Vin)
0.9V
130
mV/V
50mV/µs input transient (all)
2.5V
250
mV/V
Response to Input Transient (5.0 Vin)
0.9V
75
mV/V
3.3V
200
mV/V
Input Reflected-Ripple Current (3.3Vin)
0.9-1.8V
215
mA
pk-pk through 1µH inductor;
2.5V
135
mA
Figs. 26, 29-30
Input Reflected-Ripple Current (5.0Vin)
0.9,1.0V
175
mA
pk-pk through 1µH inductor;
1.2,3.3V
200
mA
Figs. 26, 29-30
1.5-2.5V
235
mA
Input Terminal Ripple Current (3.3Vin)
0.9-1.8V
3.2
A
RMS; 200µF/50m
input cap.;
2.5V
2.2
A
Figs. 26-28
Input Terminal Ripple Current (5.0Vin)
0.9,1.0V
2.7
A
RMS 200µF/50m
input cap.;
1.2,1.5V
3.2
A
Figs. 26-28
1.8,2.5V
3.7
A
3.3V
3.2
A
Recommended Input Fuse
All
20
A
fast blow external fuse recommended
Input Filter Capacitor Value
All
40
µF
internal ceramic
Input Ripple Voltage (3.3Vin)
0.9,2.5V
135
mV
RMS, full load, 200
µF/50m
input cap.
1.0-1.8V
150
mV
see Fig. 26
Input Ripple Voltage (5.0Vin)
0.9-1.2V
120
mV
RMS, full load, 200
µF/50m
input cap.
1.5,1.8V
140
mV
see Fig. 26
2.5,3.3V
150
mV
Recommended External Input Capacitance2
All
200
µF
net 50m
ELECTRICAL CHARACTERISTICS - NQ04T33VMA16 Series
Vin=3.3Vdc and 5.0Vdc except 3.3Vout units where Vin=5.0V; TA=25°C, airflow rate=300 LFM unless otherwise noted; full operating tem-
perature range is -40°C to +105°C ambient temp with appropriate power derating. Specifications subject to change without notice.


Similar Part No. - NQ04010HMA15PRN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33HKA10ORN SYNQOR-NQ04T33HKA10ORN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10ORS SYNQOR-NQ04T33HKA10ORS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVN SYNQOR-NQ04T33HKA10OVN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVS SYNQOR-NQ04T33HKA10OVS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10PRN SYNQOR-NQ04T33HKA10PRN Datasheet
798Kb / 18P
   SIP Single In-Line Package
More results

Similar Description - NQ04010HMA15PRN

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com