Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ24120QGA08NYS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ24120QGA08NYS
Description  100 Watts, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24120QGA08NYS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ24120QGA08NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24120QGA08NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24120QGA08NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24120QGA08NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24120QGA08NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24120QGA08NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ24120QGA08NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ24120QGA08NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ24120QGA08NYS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BASIC OPERATION AND
FEATURES
The
PowerQor series converter uses a two-stage power cir-
cuit topology. The first stage is a buck-converter that keeps
the output voltage constant over variations in line, load, and
temperature. The second stage uses a transformer to provide
the functions of input/output isolation and voltage step-
down to achieve the low output voltage required.
Both the first stage and the second stage switch at a fixed
frequency for predictable EMI performance. Rectification of
the transformer’s output is accomplished with synchronous
rectifiers. These devices, which are MOSFETs with a very
low on-state resistance, dissipate far less energy than
Schottky diodes used in conventional dc/dc converters. This
is the primary reason that the
PowerQor converter has such
high efficiency—even at very low output voltages and very
high output currents.
Dissipation throughout the converter is so low that the
PowerQor converter requires no heatsink to deliver
a greater level of power than can be delivered by a con-
ventional, Schottky-diode-based dc/dc converter with a
0.5” high heatsink. At equivalent ambient air temperature,
airflow rate, and output power level, the hottest semicon-
ductor junction temperature and the hottest PCB temperature
within the
PowerQor converter are cooler than those found
in conventional dc/dc converters with a 0.5” high heatsink
attached.
Since a heatsink is not required, the
PowerQor converter
does not need a metal baseplate or potting material to help
conduct the dissipated energy to the heatsink. The
PowerQor converter can thus be built more simply using
high yield surface mount techniques on a PCB substrate.
Unlike conventional dc/dc converters, which have critical
thermal connections between the power components and the
baseplate, and between the baseplate and the heatsink, the
PowerQor converter has no explicit, failure-prone thermal
connections.
Compared to a conventional Schottky-diode-based dc/dc
converter with a 0.5” high heatsink, the
PowerQor convert-
er is more efficient and therefore it dissipates less than half
the energy. Additionally, because the
PowerQor converter is
thinner (0.4” vs. 1.0”), the board-to-board pitch in a rack
can be much smaller, and cooling airflow is less impeded by
the converter. Because the
PowerQor converter is much
lighter, vibration and shock-induced problems are greatly
reduced. Moreover, due to the lack of failure-prone explicit
thermal connections and the lack of potting material the
PowerQor converter is more reliable than conventional
dc/dc converters.
The
PowerQor series converter uses the industry standard
pin-out configuration used by other vendors of comparably
sized and rated dc/dc converters. The unit is pin for pin
compatible with the Lucent QW series.
The
PowerQor converter has many standard control and
protection features. All shutdown features are non-latching,
meaning that the converter shuts off for 200ms before
restarting (see
Figure F).
• An ON/OFF input permits the user to control when the
converter is
on and off in order to properly sequence dif-
ferent power supplies and to reduce power consumption
during a standby condition.
• Remote sense inputs permit the user to maintain an
accurate voltage at the load despite distribution voltage
drops between the converter’s output and the load.
• An output voltage trim input permits the user to trim
the output voltage up or down to achieve a custom volt-
age level or to do voltage margining.
• An input under-voltage lockout avoids input system
instability problems while the input voltage is rising.
• The output current limit protects both the converter
and the board on which it is mounted against a short cir-
cuit condition. (see
Figure 18)
• An output over-voltage limit circuit shuts the unit
down if the output voltage at the output pins gets too
high.
• A sensor located in a central spot of the PCB provides a
PCB temperature limit. If, due to an abnormal con-
dition, this spot gets too hot, the converter will turn off.
Once the converter has cooled, it will automatically turn
on again without the need to recycle the input power.
CONTROL PIN DESCRIPTIONS
Pin 2 (ON/OFF): The ON/OFF input, Pin 2, permits the
user to control when the converter is
on or off. This input is
Product # PQ24120QGA08
Phone 1-888-567-9596
Doc.# 005-2QG212D_A
3/1/02
Page 8
Technical Specification
24Vin 12Vout 8.3A
Quarter
Quarter
Brick
Brick


Similar Part No. - PQ24120QGA08NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24120QGw08xyz SYNQOR-PQ24120QGw08xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24120QGA08NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24150QGA07 SYNQOR-PQ24150QGA07 Datasheet
673Kb / 13P
   100 Watts, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60012HPAA0 SYNQOR-PQ60012HPAA0 Datasheet
693Kb / 14P
   100 Amp, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com