Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ24150QGA07NYS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ24150QGA07NYS
Description  100 Watts, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24150QGA07NYS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ24150QGA07NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24150QGA07NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24150QGA07NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24150QGA07NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24150QGA07NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ24150QGA07NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ24150QGA07NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ24150QGA07NYS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ24150QGA07NYS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
verter to turn on again when the temperature of the sensed
location falls below 115°C.
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur
because a dc/dc converter appears incrementally as a
negative resistance load. A detailed application note titled
“Input System Instability” is available on the SynQor web
site (www.synqor.com) which provides an understanding
of why this instability arises, and shows the preferred solu-
tion for correcting it.
Application Circuits:
Figure E below provides a typical
circuit diagram which is useful when using input filtering
and voltage trimming.
Product # PQ24150QGA07
Phone 1-888-567-9596
Doc.# 005-2QG215D_A
3/1/02
Page 11
Technical Specification
24Vin 15Vout 6.7A
Quarter
Quarter
Brick
Brick
18V < Vin < 36V
Input Filtering
Trim
3.3µH
Vin(
+)
Iload
Cload
Vout(
+)
Rtrim-up
or
Rtrim-down
Vsense(
+)
ON/OFF
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
100µF
ESR
≅0.33Ω
Figure E: Typical application circuit (negative logic unit, permanently enabled).


Similar Part No. - PQ24150QGA07NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24150QGw07xyz SYNQOR-PQ24150QGw07xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24150QGA07NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24120QGA08 SYNQOR-PQ24120QGA08 Datasheet
662Kb / 13P
   100 Watts, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60012HPAA0 SYNQOR-PQ60012HPAA0 Datasheet
693Kb / 14P
   100 Amp, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com