Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28-T-Z-HB Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MQME-28-T-Z-HB
Description  HIIGH RELLIIABIILLIITTY EMI FIILLTTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28-T-Z-HB Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MQME-28-T-Z-HB Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28-T-Z-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28-T-Z-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28-T-Z-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28-T-Z-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28-T-Z-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-28-T-Z-HB Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-28-T-Z-HB Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-28-T-Z-HB Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Product # MQME-28-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME028P Rev. A
5/1/08
Page 9
Current:
Current: 20 A
20 A
MQME-28-P
MQME-28-P
T
T
T
Te
e
e
ec
c
c
ch
h
h
hn
n
n
niiiic
c
c
ca
a
a
allll S
S
S
Sp
p
p
pe
e
e
ec
c
c
ciiiiffffiiiic
c
c
ca
a
a
attttiiiio
o
o
on
n
n
n
VOLTAGE SURGE AND SPIKE COMPLIANCE MATRIX
These tables show the Voltage Surge and Spike requirements/limits that have been met* by a stand-alone setup comprised of:
- MQME-28-P (or –T) Filter
- MQFL-28-05S DC/DC Converter
- 120W Resistive Load
- Metal Chassis Plane
* Surge/spike requirements/limits are deemed to have been met as long as transient deviations in the converter’s output voltage
remain within ±10% of its initial value.
† For the DEF STAN 61-5 specification:
1) Negative surges require reverse voltage protection circuitry to protect the converter (but not the filter) from a negative input.
This circuitry is included in the MQME-28-T and MQME-28-HT filters but not the MQME-28-P filter.
2) The negative surges may cause the converter to shut down unless additional holdup capacitance is included.
3) Maximum spike voltages are assumed to last <1µs.
+110V/-50V
100V
+70V/-40V
100V
+70V/-40V
40V
+70V/-40V
40V
100V
100V
40V
/
/
/
/
/
/
/
/
/
/
/
80ms
80ms
50ms
50ms
±250V / 15mJ / 0.5W
W
50ms
MIL-STD-1275B (Gen. Only)
+280V/-220V max
+130V/-70V / 10µ s
+130V/-100V max
+90V/-60V / 10µ s
+130V/-100V max
+90V/-60V / 10µ s
+130V/-100V max
+90V/-60V / 10µ s
±250V / 15mJ / 0.5W
W
±250V / 15mJ / 0.5W
W
Short Duration Spikes
(Voltage/Duration/Impedance)
5ms
5ms
5ms
5ms
50ms
50ms
Worst Case Over-Voltage Surge
(Voltage/Duration)
DEF STAN 61-5 (PART 6)/5(Gen.+Bat.)
DEF STAN 61-5 (PART 6)/5(Bat. Only, Regen. Ld. Sw.)
DEF STAN 61-5 (PART 6)/5(Bat. Only, Non-Regen. Ld. Sw.)
DEF STAN 61-5 (PART 6)/5(Gen. Only)
MIL-STD-1275B (Bat. Only)
MIL-STD-1275B (Gen.+Bat.)
Vehicle 28Vin
+110V/-50V
100V
+70V/-40V
100V
+70V/-40V
40V
+70V/-40V
40V
100V
100V
40V
/
/
/
/
/
/
/
/
/
/
/
80ms
80ms
50ms
50ms
±250V / 15mJ / 0.5W
W
50ms
MIL-STD-1275B (Gen. Only)
+280V/-220V max
+130V/-70V / 10µ s
+130V/-100V max
+90V/-60V / 10µ s
+130V/-100V max
+90V/-60V / 10µ s
+130V/-100V max
+90V/-60V / 10µ s
±250V / 15mJ / 0.5W
W
±250V / 15mJ / 0.5W
W
Short Duration Spikes
(Voltage/Duration/Impedance)
5ms
5ms
5ms
5ms
50ms
50ms
Worst Case Over-Voltage Surge
(Voltage/Duration)
DEF STAN 61-5 (PART 6)/5(Gen.+Bat.)
DEF STAN 61-5 (PART 6)/5(Bat. Only, Regen. Ld. Sw.)
DEF STAN 61-5 (PART 6)/5(Bat. Only, Non-Regen. Ld. Sw.)
DEF STAN 61-5 (PART 6)/5(Gen. Only)
MIL-STD-1275B (Bat. Only)
MIL-STD-1275B (Gen.+Bat.)
Vehicle 28Vin
/
/
/
/
/
/
/
/
/
/
/
/
/
48V
80V
40V
60V
38V
47V
50V
50V
50V
50V
50V
60V
80V
100ms
100ms
100ms
50ms
N/A
±200V / 10µ s / 50W
W
±600V / 10µ s / 50W
W
N/A
N/A
N/A
N/A
N/A
N/A
Short Duration Spikes
(Voltage/Duration/Impedance)
1 sec
1 sec
1 sec
50ms
50ms
50ms
50ms
50ms
550ms
Worst Case Over-Voltage Surge
(Voltage/Duration)
RTCA/DO-160E (Cat. A)
RTCA/DO-160E (Cat. B)
RTCA/DO-160E (Cat. Z)
MIL-HDBK-704-8 (704F)
MIL-HDBK-704-8 (704E)
MIL-HDBK-704-8 (704D)
MIL-HDBK-704-8 (704C)
MIL-HDBK-704-8 (704B)
MIL-HDBK-704-8 ( 704A)
Aircraft 28Vin
/
/
/
/
/
/
/
/
/
/
/
/
/
48V
80V
40V
60V
38V
47V
50V
50V
50V
50V
50V
60V
80V
100ms
100ms
100ms
50ms
N/A
±200V / 10µ s / 50W
W
±600V / 10µ s / 50W
W
N/A
N/A
N/A
N/A
N/A
N/A
Short Duration Spikes
(Voltage/Duration/Impedance)
1 sec
1 sec
1 sec
50ms
50ms
50ms
50ms
50ms
550ms
Worst Case Over-Voltage Surge
(Voltage/Duration)
RTCA/DO-160E (Cat. A)
RTCA/DO-160E (Cat. B)
RTCA/DO-160E (Cat. Z)
MIL-HDBK-704-8 (704F)
MIL-HDBK-704-8 (704E)
MIL-HDBK-704-8 (704D)
MIL-HDBK-704-8 (704C)
MIL-HDBK-704-8 (704B)
MIL-HDBK-704-8 ( 704A)
Aircraft 28Vin
Met by any MQME Filter
Met by an MQME Filter having the
Transient Suppression and Reverse
Polarity Protection Features
Met by any MQME Filter
Met by an MQME Filter having the
Transient Suppression and Reverse
Polarity Protection Features


Similar Part No. - MQME-28-T-Z-HB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28-T SYNQOR-MQME-28-T Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28-T-Z-HB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-28S SYNQOR-MQFL-28-28S Datasheet
643Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-3R3S SYNQOR-MQFL-28-3R3S Datasheet
671Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-7R5S SYNQOR-MQFL-28-7R5S Datasheet
651Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12D SYNQOR-MQFL-28-12D Datasheet
714Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15D SYNQOR-MQFL-28-15D Datasheet
717Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12S SYNQOR-MQFL-28-12S Datasheet
652Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-05S SYNQOR-MQFL-28-05S Datasheet
661Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-09S SYNQOR-MQFL-28-09S Datasheet
655Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15S SYNQOR-MQFL-28-15S Datasheet
642Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com