Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28E-HT-Y-HB Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # MQME-28E-HT-Y-HB
Description  High Reliability EMI Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28E-HT-Y-HB Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  MQME-28E-HT-Y-HB Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28E-HT-Y-HB Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28E-HT-Y-HB Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28E-HT-Y-HB Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28E-HT-Y-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28E-HT-Y-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28E-HT-Y-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28E-HT-Y-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28E-HT-Y-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # MQME-28E-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005135 Rev. A
03/18/09
Page 4
MQME-28E-P
Current: 20A
Technical Specification
MQME-28E-P ELECTRICAL CHARACTERISTICS (Continued)
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Vin=28V DC ±5%, Iout= 20A unless otherwise specified
Subgroup3
RELIABILITY CHARACTERISTICS
Calculated MTBF (MIL-STD-217F2)
GB @ Tcase = 70ºC
21.7
106 Hrs.
AIF @ Tcase = 70ºC
1.26
106 Hrs.
Demonstrated MTBF
TBD
106 Hrs.
WEIGHT CHARACTERISTICS
Device Weight
79
g
Electrical Characteristics Notes
1. While the filter will survive these input voltage limits, the filter's output voltage will be outside the limits for an MQFL converter input voltage range.
2. Verified by qualification testing and analysis.
3. Only the ES and HB grade products are tested at three temperatures. The B and C grade products are tested at one temperature. Please refer to the
Construction and Environmental Stress Screening Options table for details.
* Rs = Source Impedance


Similar Part No. - MQME-28E-HT-Y-HB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28E-T6 SYNQOR-MQME-28E-T6 Datasheet
7Mb / 18P
   Input over-voltage shutdown
More results

Similar Description - MQME-28E-HT-Y-HB

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
   EMI FILTER HYBRID / HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
logo
SynQor Worldwide Headqu...
MQME-270-P SYNQOR-MQME-270-P Datasheet
1Mb / 13P
   High Reliability EMI Filter
logo
International Rectifier
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com