Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04012VMA15PRS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # NQ04012VMA15PRS
Description  16Amp, wide ouput range, Non-Isolated DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04012VMA15PRS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  NQ04012VMA15PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04012VMA15PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04012VMA15PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04012VMA15PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04012VMA15PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04012VMA15PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04012VMA15PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04012VMA15PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04012VMA15PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 2
Technical Specification
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
Pin No.
Name
Function
1
Vout(+)
Positive output voltage
2
Vout(+)
Positive output voltage
3
SENSE(+)
Positive remote sense
4
Vout(+)
Positive output voltage
5
Common
A
I share
Current share*
6
Common
7
Vin(+)
Positive input voltage
8
Vin(+)
Positive input voltage
10
TRIM1
Output voltage trim (trim-up only)
11
ON/OFF2
LOGIC input to turn the converter
on and off.
NOTES
1) All pins are 0.025” (0.64mm) +/- 0.003 (0.076mm) square.
2) All Pins: Material - Copper Alloy
Finish - Tin over Nickel plate
3) Vertical, horizontal, vertical with reverse pins and surface
mount options (future) available.
4) Undimensioned components are shown for visual
reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 0.30 oz. (9.4 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
0.000
(0.00)
0.100
(2.54)
0.200
(5.08)
0.300
(7.62)
0.400
(10.16)
1.300
(33.02)
1.400
(35.56)
1.500
(38.10)
1.600
(40.64)
1.800
(45.72)
1.900
(48.26)
0.550
(13.97)
0.160
(4.06)
0.050
(1.27)
0.288
(7.32)
0.315 Max
(8.0 Max)
0.120
(3.05)
0.025 + 0.003
(0.64 + 0.076)
SQ. Typ.
0.050
(1.27)
2.00
(50.8)
12
3
45
6
7
8
A
10 11
Front View
Vertical Mount
Side View
PIN DESIGNATIONS
MECHANICAL
DIAGRAM
Ref.
Pin Connection Notes:
1. Pin 10 - for fixed resistors, connect between Trim and
Common (Ground).
2. Pin 11 - see section on Remote ON/OFF pin for descrip-
tion of enable logic options.
Pins in Italics Shaded text are Optional
* Contact factory for availability of current share modules.
0.040 PCB Ref.
(1.02)
0.197 Max
(5.0 Max)
0.185
(4.7)


Similar Part No. - NQ04012VMA15PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33HKA10ORN SYNQOR-NQ04T33HKA10ORN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10ORS SYNQOR-NQ04T33HKA10ORS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVN SYNQOR-NQ04T33HKA10OVN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVS SYNQOR-NQ04T33HKA10OVS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10PRN SYNQOR-NQ04T33HKA10PRN Datasheet
798Kb / 18P
   SIP Single In-Line Package
More results

Similar Description - NQ04012VMA15PRS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com