Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ03018HMA15NRN Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # NQ03018HMA15NRN
Description  15A Non-Isolated DC/DC Converter in SIP configuration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ03018HMA15NRN Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  NQ03018HMA15NRN Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ03018HMA15NRN Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ03018HMA15NRN Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ03018HMA15NRN Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ03018HMA15NRN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ03018HMA15NRN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ03018HMA15NRN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ03018HMA15NRN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ03018HMA15NRN Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Product # NQ03xxxVMA15
Phone 1-888-567-9596
Doc.# 005-2NV3xxE Rev. E
6/24/04
Page 2
Technical Specification
3.0 - 3.6Vin 15A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
Pin No.
Name
Function
1
Vout(+)
Positive output voltage
2
Vout(+)
Positive output voltage
3
SENSE(+)
Positive remote sense
4
Vout(+)
Positive output voltage
5
Common
A
I share
Current share*
6
Common
7
Vin(+)
Positive input voltage
8
Vin(+)
Positive input voltage1
10
TRIM
Output voltage trim2
11
ON/OFF
LOGIC input to turn the converter
on and off.
NOTES
1) All pins are 0.025” (0.64mm) +/- 0.003 (0.076mm) square.
2) All Pins: Material - Copper Alloy
Finish - Tin over Nickel plate
3) Vertical, horizontal, vertical with reverse pins and surface
mount options (future) available.
4) Undimensioned components are shown for visual
reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 0.30 oz. (9.4 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
0.000
(0.00)
0.100
(2.54)
0.200
(5.08)
0.300
(7.62)
0.400
(10.16)
1.300
(33.02)
1.400
(35.56)
1.500
(38.10)
1.600
(40.64)
1.800
(45.72)
1.900
(48.26)
0.550
(13.97)
0.050
(1.27)
2.00
(50.8)
12
3
45
6
7
8
A
10 11
Front View
Vertical Mount
Side View
PIN DESIGNATIONS
MECHANICAL
DIAGRAM
Pin Connection Notes:
1. Pin 10 - for fixed resistors, connect between Trim and
Vout(+) to trim down or between Trim and Common
(Ground) to trim up.
2. Pin 11 - see section on Remote ON/OFF pin for descrip-
tion of enable logic options.
Pins in Italics Shaded text are Optional
* Contact factory for availability of current share modules.
0.160
(4.06)
0.050
(1.27)
0.288
(7.32)
0.315 Max
(8.0 Max)
0.120
(3.05)
Ref.
0.040 PCB Ref.
(1.02)
0.197 Max
(5.0 Max)
0.185
(4.7)
0.025 + 0.003
(0.64 + 0.076)
SQ. Typ.


Similar Part No. - NQ03018HMA15NRN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04009HMA15NRN SYNQOR-NQ04009HMA15NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NRS SYNQOR-NQ04009HMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVN SYNQOR-NQ04009HMA15NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVS SYNQOR-NQ04009HMA15NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15ORN SYNQOR-NQ04009HMA15ORN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ03018HMA15NRN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Astec America, Inc
APA18T04 ASTEC-APA18T04_05 Datasheet
707Kb / 17P
   3.0-5.5Vin, 18A, Non-isolated DC - DC SIP Converter
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Artesyn Technologies
SIL15 ARTESYN-SIL15 Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Emerson Network Power
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
   DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com