Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04012HMA15OVS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # NQ04012HMA15OVS
Description  16Amp, wide ouput range, Non-Isolated DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04012HMA15OVS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button NQ04012HMA15OVS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04012HMA15OVS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04012HMA15OVS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04012HMA15OVS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04012HMA15OVS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04012HMA15OVS Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ04012HMA15OVS Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ04012HMA15OVS Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ04012HMA15OVS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 8
Performance Curves
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
65
70
75
80
85
90
95
100
01
2345
6789
10 11 12 13 14 15 16
Load Current (A)
2.5 Vo
1.8 Vo
1.5 Vo
1.2 Vo
1.0 Vo
0.9 Vo
Figure 1: Efficiency at 3.3Vin and nominal output voltage vs. load cur-
rent for all modules at 25°C.
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10111213 141516
Load Current (A)
3.3 Vo
2.5 Vo
1.8 Vo
1.5 Vo
1.2 Vo
1.0 Vo
0.9 Vo
Figure 2: Efficiency at 5.0Vin and nominal output voltage vs. load cur-
rent for all modules at 25°C.
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
0123
456789 10 11 12 13 14 15 16
Load Current (A)
2.5 Vo
1.8 Vo
1.5 Vo
1.2 Vo
1.0 Vo
0.9 Vo
Figure 3: Power dissipation at 3.3Vin and nominal output voltage vs.
load current for all modules at 25°C.
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
0123
456789 10 11 12 13 14 15 16
Load Current (A)
3.3 Vo
2.5 Vo
1.8 Vo
1.5 Vo
1.2 Vo
1.0 Vo
0.9 Vo
Figure 4: Power dissipation at 5.0Vin and nominal output voltage vs.
load current for all modules at 25°C.
0
2
4
6
8
10
12
14
16
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 5: Maximum output power derating curves vs. ambient air temp
for 0.9Vo to 1.8Vo units at 3.3Vin. Airflow rates of 50 - 400 LFM with
air flowing across the converter from pin 11 to pin 1 (vert mount).
0
2
4
6
8
10
12
14
16
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 6: Maximum output power derating curves vs. ambient air temp
for 0.9Vo to 1.8Vo units at 5.0Vin. Airflow rates of 50 - 400 LFM with
air flowing across the converter from pin 11 to pin 1 (vert mount).


Similar Part No. - NQ04012HMA15OVS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33HKA10ORN SYNQOR-NQ04T33HKA10ORN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10ORS SYNQOR-NQ04T33HKA10ORS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVN SYNQOR-NQ04T33HKA10OVN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVS SYNQOR-NQ04T33HKA10OVS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10PRN SYNQOR-NQ04T33HKA10PRN Datasheet
798Kb / 18P
   SIP Single In-Line Package
More results

Similar Description - NQ04012HMA15OVS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com