Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS400G2PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # 1SS400G2PT
Description  SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1SS400G2PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  1SS400G2PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1SS400G2PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS400G2PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE
VOLTAGE 90 Volts
CURRENT 0.1 Ampere
APPLICATION
FEATURE
* Small surface mounting type. (FBPD-923)
* High speed. (TRR=1.2nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
* Silicon epitaxial planar
* Ultra high speed switching
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2006-10
Maximum Average Reverse Current at VR= 80V
CHARACTERISTICS
SYMBOL
UNITS
1.20
0.1
uAmps
Volts
Maximum Instantaneous Forward Voltage at IF= 100mA
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1Sec.
Typical Junction Capacitance between Terminal (Note 1)
Storage Temperature Range
Maximum Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
1SS400G2PT
1SS400G2PT
UNITS
90
Volts
Volts
Volts
Amps
63
80
0.1
0.5
3.0
+125
-55 to +125
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
4.0
nSec
oC
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0.5 volts.
2. Measured at applied froward current of 10mA , reverse voltage of 6.0 volts and RL=100 ohms.
3. ESD sensitive product handling required.
* Peak forward current is 225mA.
FBPD-923
CIRCUIT
* Lead free devices
(1)
(2)
Dimensions in millimeters
FBPD-923
0.40(REF.)
0.55(Max.)
0.60±0.05
1.00±0.05
0.04±0.03
0.45(REF.)
0.30±0.025
0.30±0.025
MARKING
* 7


Similar Part No. - 1SS400G2PT

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
1SS400G JIANGSU-1SS400G Datasheet
70Kb / 1P
   High Speed SWITCHING Diodes
logo
Rohm
1SS400G ROHM-1SS400G Datasheet
1Mb / 8P
   Switching Diode
logo
Pan Jit International I...
1SS400G PANJIT-1SS400G Datasheet
183Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Zibo Seno Electronic En...
1SS400G ZSELEC-1SS400G Datasheet
164Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
TRANSYS Electronics Lim...
1SS400G TEL-1SS400G Datasheet
92Kb / 2P
   Plastic-Encapsulate Diodes
More results

Similar Description - 1SS400G2PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
1SS355PT CHENMKO-1SS355PT Datasheet
83Kb / 2P
   SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
List of Unclassifed Man...
1SS400GPT ETC2-1SS400GPT Datasheet
70Kb / 2P
   SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
Chenmko Enterprise Co. ...
1SS358PT CHENMKO-1SS358PT Datasheet
103Kb / 2P
   SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
1SS400GPT CHENMKO-1SS400GPT Datasheet
81Kb / 2P
   SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
List of Unclassifed Man...
1SS400PT ETC1-1SS400PT Datasheet
74Kb / 2P
   SURFACE MOUNT (SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere)
1SS355PT ETC2-1SS355PT Datasheet
73Kb / 2P
   SURFACE MOUNT SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
Chenmko Enterprise Co. ...
1SS380PT CHENMKO-1SS380PT Datasheet
71Kb / 2P
   SWITCHING DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
CH221MSPT CHENMKO-CH221MSPT Datasheet
94Kb / 2P
   SWITCHING DIODE VOLTAGE 20 Volts CURRENT 0.1 Ampere
CH228KPT CHENMKO-CH228KPT Datasheet
73Kb / 2P
   SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
CH228N1PT CHENMKO-CH228N1PT Datasheet
79Kb / 2P
   SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com