Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002EPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # 2N7002EPT
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2N7002EPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  2N7002EPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2N7002EPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2N7002EPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 2N7002EPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. 2N7002EPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N7002EPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
N-Channel Enhancement Mode Field Effect Transistor
VOLTAGE 60 Volts
CURRENT 0.250 Ampere
APPLICATION
FEATURE
* Small surface mounting type. (SC-70/SOT-323)
* High density cell design for low RDS(ON).
* Suitable for high packing density.
CONSTRUCTION
* N-Channel Enhancement
* Servo motor control.
* Power MOSFET gate drivers.
* Other switching applications.
2005-6
* Rugged and reliable.
* High saturation current capability.
* Voltage controlled small signal switch.
CIRCUIT
MARKING
* 702E
S
D
G
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
2N7002EPT
Units
VDSS
Drain-Source Voltage
60
V
VDGR
Drain-Gate Voltage (RGS < 1 M
)
60
V
VGSS
Gate-Source Voltage - Continuous
±20
V
- Non Repetitive (tp < 50µs)
±40
ID
Maximum Drain Current - Continuous
250
mA
- Pulsed
190
PD
Maximum Power Dissipation
200
mW
150
mW
TJ,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
TL
Maximum Lead Temperature for Soldering
Purposes, 1/16" from Case for 10 Seconds
300
°C
Thermal characteristics
R
θJA
Thermal Resistance, Junction-to-Ambient
450
°C/W
TA= 25°C
TA= 70°C
TA= 25°C
TA= 70°C
(1)
(2)
(3)
SC-70/SOT-323
Dimensions in millimeters
SC-70/SOT-323
0.65
0.65
1.3±0.1
2.0±0.2
0.8~1.1
0.3±0.1
0.05~0.2
0~0.1
1.25±0.1
2.0~2.45
0.1Min.


Similar Part No. - 2N7002EPT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002E PHILIPS-2N7002E Datasheet
81Kb / 11P
   N-channel TrenchMOS FET
Rev. 02-26 April 2005
logo
Vishay Siliconix
2N7002E VISHAY-2N7002E Datasheet
150Kb / 7P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
Diodes Incorporated
2N7002E DIODES-2N7002E Datasheet
419Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30376 Rev. 5 - 2
logo
ON Semiconductor
2N7002E ONSEMI-2N7002E Datasheet
205Kb / 6P
   Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
logo
Vishay Siliconix
2N7002E VISHAY-2N7002E Datasheet
85Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 13-Oct-03
More results

Similar Description - 2N7002EPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com