Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002ESPT Datasheet(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

Part # 2N7002ESPT
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2N7002ESPT Datasheet(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

  2N7002ESPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2N7002ESPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2N7002ESPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 2N7002ESPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. 2N7002ESPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING CHARACTERISTIC CURVES ( 2N7002ESPT )
-50
-25
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T , JUNCTION TEMPERATURE (°C)
J
0.2
0.4
0.6
0.8
1
1.2
1.4
0.001
0.005
0.01
0.05
0.1
0.5
1
2
V
, BODY DIODE FORWARD VOLTAGE (V)
V
= 0V
GS
T = 150° C
J
SD
25°C
0
0.1
0.2
0.3
0.4
0.5
0
.05
.10
.15
.20
.25
I D, DRAIN CURRENT (A)
TJ= 25OC
1
2
3
5
10
20
30
50
1
2
5
10
20
40
60
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
G
D
S
VDD
RL
V
V
IN
OUT
VGS
DUT
RGEN
10%
50%
90%
10%
90%
90%
50%
Input, Vin
Output, Vout
t on
toff
td(off)
t f
tr
t d(on)
Inverted
10%
Pulse Width
Figure 7. Gate-Source Threshold Voltage
with Temperature
Figure 8. Body Diode Forward Voltage
Variation with Drain Current
Figure 9. Capacitance Characteristics
Figure 10. Forward Transconductance
Figure 11.
Figure 12. Switching Waveforms
Typical Electrical Characteristics (continued)
TJ= 150OC
typ.
min.
ID=1mA, VDS=VGS


Similar Part No. - 2N7002ESPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
2N7002ESEPT CHENMKO-2N7002ESEPT Datasheet
576Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - 2N7002ESPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com