Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1577PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # 2SA1577PT
Description  Medium Power PNP Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SA1577PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  2SA1577PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SA1577PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SA1577PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING CHARACTERISTICS ( 2SA1577PT )
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
PARAMETERS
CONDITION
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
IE=0; VCB=-20V
IC=0; VEB=-4V
VCE=-3V; Note 1
IC=-10mA; Note 2
Collector-Emitter Saturation Voltage
IC=-100mA; IB=-10mA
Base-Emitter Saturatio Voltage
IC=-100mA; IB=-10mA
IE=ie=0; VCB=-10V;
f=1MHz
IC=2mA; VCE=-10V;
f=100MHz
Output Collector Capacitance
Transition Frequency
SYMBOL
ICBO
ICEO
hFE
Cob
fT
VBEsat
VCEsat
MIN.
MAX.
TYPE
UNITS
-
-1.0
uA
uA
Volts
mVolts
pF
MHz
-
-
-1.0
-
82
390
-
-
-0.4
-
-
-1.1
-
-
-
7
-
-
200
Note :
1. Pulse test: tp
≤ 300uSec; δ ≤ 0.02.
2. hFE: Classification P: 82 to 180, Q: 120 to 270, R: 180 to 390
Fig.1
Grounded emitter propagation
characteristics
Fig.2
Grounded emitter output
characteristics (1)
Fig.3
Grounded emitter output
characteristics (2)
RATING CHARACTERISTIC CURVES ( 2SA1577PT )
-0.8
-0.2
0
-0.4
-1.0 -1.2 -1.4 -1.6 -1.8
-0.6
-0.1
-0.2
-0.5
-1
-2
-5
-10
-20
-50
-100
-200
-500
-1000
Ta=100OC
25OC
- 55OC
VCE
=-3V
BASE TO EMITTER VOLTAGE : VBE
(V)
-1
0
-2
-3
-4
-5
0
-100
-20
-40
-60
-80
-1mA
-0.9m
A
-0.8m
A
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
-0.2mA
-0.10mA
IB
=0A
Ta
=25
OC
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
-0
-10
-5
0
-500
-400
-300
-200
-100
-5.0mA
-4.5mA
-4.0mA
-3.5mA
-3.0mA
-0.5mA
-1.0mA
-1.5mA
-2.0mA
-2.5mA
IB
=0A
Ta
=25OC
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)


Similar Part No. - 2SA1577PT

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
78Kb / 4P
   Medium Power Transistor (-32V, -0.5A)
logo
Guangdong Kexin Industr...
2SA1577 KEXIN-2SA1577 Datasheet
46Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SA1577 SECOS-2SA1577 Datasheet
227Kb / 3P
   PNP Silicon General Purpose Transistor
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
167Kb / 3P
   Medium Power Transistor (-32V, -05A)
2SA1577 ROHM-2SA1577 Datasheet
1Mb / 8P
   Medium Power Transistor (-32V, -500mA)
More results

Similar Description - 2SA1577PT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
   PNP medium power transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
   PNP Medium Power Transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
   PNP Medium Power Transistor
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
logo
STMicroelectronics
STF826 STMICROELECTRONICS-STF826 Datasheet
448Kb / 12P
   PNP medium power transistor
March 2013 Rev 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com