Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ03T25VMA15ORN Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # NQ03T25VMA15ORN
Description  15A Non-Isolated DC/DC Converter in SIP configuration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ03T25VMA15ORN Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  NQ03T25VMA15ORN Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ03T25VMA15ORN Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ03T25VMA15ORN Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ03T25VMA15ORN Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ03T25VMA15ORN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ03T25VMA15ORN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ03T25VMA15ORN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ03T25VMA15ORN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ03T25VMA15ORN Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Product # NQ03xxxVMA15
Phone 1-888-567-9596
Doc.# 005-2NV3xxE Rev. E
6/24/04
Page 5
Technical Specification
3.0 - 3.6Vin 15A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
Parameter
ModuleP
Min.
Typ.
Max.
Units Notes & Conditions
OUTPUT CHARACTERISTICS (cont.)
Output Voltage Ripple and Noise
20MHz bandwidth; Fig 24, 27
Peak-to-Peak
All
15
35
mV
Full Load
RMS
All
6
12
mV
Full Load
Operating Output Current Range
All
0
15
A
Output DC Over-Current Shutdown
4
All
16
25
40
A
Maximum Output Capacitance
5,6
All
4,000
µF
Derate startup load current per Fig. 23
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
0.9V
45
dB
120 Hz; Figure 31
2.5V
37
dB
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
All
40
mV
50%-75%-50%
Iout max, 10µF, Fig 15-16
For a Step Change in Output Current (5A/µs)
All
70
mV
50%-75%-50%
Iout max, 470µF, Fig 17-18
Settling Time
All
50
µs
to within 1.5% Vout nom., Fig 15-18
Turn-On Transient
Load current & capacitance per Fig. 23
Turn-On Time
All
5.5
6.8
8.5
ms
Enable to Vout=100% nom., Figs 19-20
Start-Up Delay Time
0.9V
2.9
4.1
6.1
ms
Enable to 10%, Fig. 21
2.5V
1.6
2.7
4.6
ms
Start-Up Rise Time
0.9V
1.6
2.4
3.9
ms
10% to 90%, Fig. 22
2.5V
2.5
3.7
5.6
ms
Output Voltage Overshoot
All
0
%
Resistive load up to 4,000µF
EFFICIENCY
100% Load
0.9V
83.5
%
Figures 1-4
1.2V
87
%
1.5V
89
%
1.8V
90.5
%
2.5V
93
%
50% Load
0.9V
88
%
Figures 1-4
1.2V
90.5
%
1.5V
92
%
1.8V
93
%
2.5V
95
%
TEMP. LIMITS FOR POWER DERATING
Semiconductor Junction Temperature
7
All
125
°C
Package rated to 150°C; Figs 5-14
Board Temperature
7
All
125
°C
UL rated max operating temp 130°C
FEATURE CHARACTERISTICS
Switching Frequency
All
265
300
330
kHz
may decrease by up to 30 kHz at -40°C
ON/OFF Control
Figure A
Off-State Voltage
All
1.5
6.5
V
On-State Voltage
All
-3
0.6
V
Pull-Up Voltage
All
Vin
V
Output Voltage Trim Range
1,8
0.9V
-5
+10
%
Measured Vout+ to common pins; Table 1
1.2-2.5V
-10
+10
%
Output Voltage Remote Sense Range
1,9
All
+10
%
Measured Vout+ to common pins
Output Over-Voltage Protection
10
All
113
130
145
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
All
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
All
5
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
All
TBD
106 Hrs. TR-NWT-000332; 100% load, 200LFM, 40oC Ta
Calculated MTBF (MIL-217)
All
8.0
106 Hrs. MIL-HDBK-217F; 100% load, 200LFM, 40oC Ta
Field Demonstrated MTBF
All
106 Hrs. See website for latest values
ELECTRICAL CHARACTERISTICS (continued) - NQ03xxxVMA15 Series


Similar Part No. - NQ03T25VMA15ORN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04009HMA15NRN SYNQOR-NQ04009HMA15NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NRS SYNQOR-NQ04009HMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVN SYNQOR-NQ04009HMA15NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVS SYNQOR-NQ04009HMA15NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15ORN SYNQOR-NQ04009HMA15ORN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ03T25VMA15ORN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Astec America, Inc
APA18T04 ASTEC-APA18T04_05 Datasheet
707Kb / 17P
   3.0-5.5Vin, 18A, Non-isolated DC - DC SIP Converter
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Artesyn Technologies
SIL15 ARTESYN-SIL15 Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Emerson Network Power
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
   DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com