Electronic Components Datasheet Search |
|
NQ03T25VMA15ORN Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters |
|
NQ03T25VMA15ORN Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters |
1 / 17 page Product # NQ03xxxVMA15 Phone 1-888-567-9596 Doc.# 005-2NV3xxE Rev. E 6/24/04 Page 1 Technical Specification 3.0 - 3.6Vin 15A Non-Isolated Non-Isolated SIP Converter SIP Converter The NiQor™ SIP DC/DC converter is a non-isolated buck regulator, which employs synchronous rectifi- cation to achieve extremely high conversion effi- ciency. The NiQor family of converters are used predominately in DPA systems using a front end DC/DC high power brick (48Vin to low voltage bus). The non-isolated NiQor converters are then used at the point of load to create the low voltage outputs required by the design. Typical applications include telecom/datacom, industrial, medical, transportation, data processing/storage and test equipment. 15A Non-Isolated DC/DC Converter in SIP configuration NiQor vertical mount SIP module Mechanical Features • Industry standard SIP pin-out configuration •Industry standard size: 2.0” x 0.55” x 0.29 (50.8 x 14 x 7.3mm) • Total weight: 0.30 oz. (9.4 g), lower mass greatly reduces vibration and shock problems • Open frame construction maximizes air flow cooling • Available in both vertical and horizontal mounting Safety Features • UL 1950 recognized (US & Canada) • TUV certified to EN60950 • Meets 72/23/EEC and 93/68/EEC directives which facilitates CE Marking in user’s end product • Board and plastic components meet UL94V-0 flam- mability requirements Operational Features • Ultra-high efficiency, up to 93% full load, 95% half • Delivers 15 amps of output current with minimal der- ating - no heatsink required • Input voltage range: 3.0 - 3.6V • Fixed frequency switching provides predictable EMI performance • Fast transient response time • On-board input and output filter capacitor • No minimum load requirement means no preload resistors required Protection Features • Input under-voltage lockout disables converter at low input voltage conditions • Temperature compensated over-current shutdown protects converter from excessive load current or short circuits • Output over-voltage protection protects load from damaging voltages • Thermal shutdown Control Features • On/Off control • Output voltage trim (industry standard) permits custom voltages and voltage margining • Optional features include remote sense and wide output voltage trim (0.85V - 2.75V) Non-Isolated Non-Isolated |
Similar Part No. - NQ03T25VMA15ORN |
|
Similar Description - NQ03T25VMA15ORN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |