Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2412WPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # 2SC2412WPT
Description  General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SC2412WPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  2SC2412WPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC2412WPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC2412WPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING CHARACTERISTICS ( 2SC2412WPT )
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
PARAMETERS
CONDITION
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
IE=0; VCB=60V
IC=0; VEB=7V
VCE=6V; Note 1
IC=1mA; Note 2
Collector-Emitter Saturation Voltage
IC=50mA; IB=5mA
Base-Emitter Saturatio Voltage
IC=50mA; IB=5mA
IE=ie=0; VCB=12V;
f=1MHz
IC=2mA; VCE=12V;
f=100MHz
Output Collector Capacitance
Transition Frequency
SYMBOL
ICBO
ICEO
hFE
Cob
fT
VBEsat
VCEsat
MIN.
MAX.
TYPE
UNITS
-
0.1
uA
uA
Volts
mVolts
pF
MHz
-
-
0.1
-
120
560
-
-
0.4
-
-
1.1
-
-
3.5
2
-
-
180
Note :
1. Pulse test: tp
≤ 300uSec; δ ≤ 0.02.
2. hFE: Classification Q: 120 to 270, R: 180 to 390, S: 270 to 560
Fig.1
Grounded emitter propagation
characteristics
0
0.1
0.2
0.5
2
20
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5
10
VCE
=6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2
Grounded emitter output
characteristics (1)
0
20
40
60
80
100
0.4
0.8
1.2
1.6
2.0
0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0.05mA
0.10mA
0.15mA
0.25mA
0.30mA
0.35mA
0.20mA
Ta=25OC
IB=0A
0.40m
A
0.45
mA
0
0
2
8
10
4
8
12
16
4
6
20
IB=0A
Ta=25OC
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
3uA
6uA
9uA
12uA
15uA
18uA
21uA
24uA
27uA
30uA
Fig.3
Grounded emitter output
characteristics (2)
0.50mA
RATING CHARACTERISTIC CURVES ( 2SC2412WPT )


Similar Part No. - 2SC2412WPT

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2SC2412W YFWDIODE-2SC2412W Datasheet
506Kb / 4P
   NPN Transistors
More results

Similar Description - 2SC2412WPT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com