Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4097PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # 2SC4097PT
Description  Medium Power NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SC4097PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  2SC4097PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC4097PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC4097PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( 2SC4097PT )
0.5
1
2
5
10
20
50 100
1000
200
500
0.2
0.5
1
0.02
0.05
0.1
Ta=25OC
Ta
lC/lB
=10
COLLECTOR CURRENT : IC
(mA)
Fig.4 Collector-emitter saturation voltage
vs. collector current
5001000
0.1
200
10
0.2
50 100
0.5
20
1
2
5
20
10
50
100
200
500
1000
COLLECTOR CURRENT : IC
(mA)
Ta=100
O
C
75
O
C
50
O
C
25
O
C
0
O
C
- 25
O
C
- 50
O
C
VCE
=3V
Fig.5 DC current gain vs.
collector current
Fig. 6 Gain bandwidth product
vs. emitter current
EMITTER CURRENT : IE(mA)
Ta=25
OC
VCE=5V
0.5
1
2
5
10
20
50
50
100
200
500
0.5
1
2
5
10
20
50
5
2
10
20
50
Cib
Cob
Ta=25
OC
f=1MHz
IE=0A
IC=0A
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.7
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage


Similar Part No. - 2SC4097PT

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4097 ROHM-2SC4097 Datasheet
74Kb / 4P
   Medium Power Transistor (32V, 0.5A)
logo
Guangdong Kexin Industr...
2SC4097 KEXIN-2SC4097 Datasheet
83Kb / 2P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SC4097 SECOS-2SC4097 Datasheet
105Kb / 3P
   Medium Power Transistor
2SC4097 SECOS-2SC4097 Datasheet
993Kb / 2P
   NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4097 HTSEMI-2SC4097 Datasheet
1Mb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - 2SC4097PT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
   Medium Power NPN Transistor
logo
Rohm
SST2222AHZG ROHM-SST2222AHZG Datasheet
1Mb / 8P
   NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
   NPN medium power transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com