Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4774PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # 2SC4774PT
Description  High frequency amplifier Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SC4774PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  2SC4774PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC4774PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC4774PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( 2SC4774PT )
50
0.1
20
0.2
10
0.5
5
12
20
10
5
50
100
200
500
1000
COLLECTOR CURRENT : IC (mA)
Fig.5
Collector-emitter saturation
voltage vs. collector current
Ta
=25°C
IC/IB
=10
50
0.1
20
0.2
10
0.5
5
12
50
20
100
200
500
1000
2000
COLLECTOR CURRENT : IC (mA)
Fig.6
Gain bandwidth product vs.
collector current
Ta
=25°C
VCE
=5V
50
0.1
20
0.2
10
0.5
5
12
20
10
50
100
200
500
1000
COLLECTOR CURRENT : IC (mA)
Fig.4
DC current gain vs. collector current
Ta
=25°C
VCE
=5V
50
0.1
20
0.2
10
0.5
5
12
1
2
5
10
20
50
BASS CURRENT : IB (mA)
Fig.9
Output-on resistance vs.
Ta
=25°C
f
=500kHz
υi=100mVrms
RL
=1k
50
0.1
20
0.2
10
0.5
5
12
0.5
0.2
1
2
5
10
20
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.7
Collector output capacitance
Ta
=25°C
f
=1MHz
50
0.1
20
0.2
10
0.5
5
12
0.5
0.2
1
2
5
10
20
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.8 Back capacitance voltage
Ta
=25°C
f
=1MHz
base current
vs. voltage


Similar Part No. - 2SC4774PT

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
70Kb / 3P
   High frequency amplifier transistor RF switching (6V, 50mA)
2SC4774 ROHM-2SC4774 Datasheet
37Kb / 1P
   FOR AUDIO TEMPERATUEE COMPENSATION CIRCUITS
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Guangdong Kexin Industr...
2SC4774 KEXIN-2SC4774 Datasheet
44Kb / 1P
   High Frequency Amplifier
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
162Kb / 3P
   High frequency amplifier transistor, RF switching (6V, 50mA)
More results

Similar Description - 2SC4774PT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
   High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
   High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
   High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
   High-Frequency Amplifier Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
   High-frequency Amplifier Transistor
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
   High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4226QT1 LRC-L2SC4226QT1 Datasheet
151Kb / 5P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
L2SC3356WT1G LRC-L2SC3356WT1G Datasheet
151Kb / 4P
   High-Frequency Amplifier Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com