Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7628EDW Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC7628EDW
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7628EDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC7628EDW Datasheet HTML 2Page - Texas Instruments TLC7628EDW Datasheet HTML 3Page - Texas Instruments TLC7628EDW Datasheet HTML 4Page - Texas Instruments TLC7628EDW Datasheet HTML 5Page - Texas Instruments TLC7628EDW Datasheet HTML 6Page - Texas Instruments TLC7628EDW Datasheet HTML 7Page - Texas Instruments TLC7628EDW Datasheet HTML 8Page - Texas Instruments TLC7628EDW Datasheet HTML 9Page - Texas Instruments TLC7628EDW Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TLC7628C, TLC7628E, TLC7628I
DUAL 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTERS
SLAS063A – APRIL 1989 – REVISED MAY 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
These devices contain two, identical, 8-bit, multiplying DACs: DACA and DACB. Each DAC consists of an
inverted R-2R ladder, analog switches, and input data latches. Binary-weighted currents are switched between
the DAC output and AGND, thus maintaining a constant current in each ladder leg independent of the switch
state. Most applications require only the addition of an external operational amplifier and voltage reference. A
simplified D/A circuit for DACA or DACB with all digital inputs low is shown in Figure 7.
Figure 8 shows the DACA or DACB equivalent circuit. Both DACs share the analog ground terminal 1 (AGND).
With all digital inputs high, the reference current flows to OUTA. A small leakage current (IIkg) flows across
internal junctions, and as with most semiconductor devices, doubles every 10
°C. The Co is caused by the
parallel combination of the NMOS switches and has a value that depends on the number of switches connected
to the output. The range of Co is 25 pF to 60 pF maximum. The equivalent output resistance (ro) varies with the
input code from 0.8R to 3R where R is the nominal value of the ladder resistor in the R-2R network.
These devices interface to a microprocessor through the data bus, CS, WR, and DACA/DACB control signals.
When CS and WR are both low, the analog output on these devices, specified by the DACA/DACB control line,
responds to the activity on the DB0–DB7 data bus inputs. In this mode, the input latches are transparent and
input data directly affects the analog output. When either the CS signal or WR signal goes high, the data on the
DB0–DB7 inputs is latched until the CS and WR signals go low again. When CS is high, the data inputs are
disabled, regardless of the state of the WR signal.
The digital inputs of these devices provide TTL compatibility when operated from a supply voltage of 10.8 V to
15.75 V.
DACA Data Latches and Drivers
REF
AGND
OUT
RFB
R
R
R
R
2R
2R
S8
2R
S3
2R
S2
S1
2R
Figure 7. Simplified Functional Circuit for DACA or DACB
R
REF
OUTA
RFB
R
COUT
1/256
Latch A or Latch B Loaded With 11111111
Ilkg
AGND
Figure 8. TLC7628 Equivalent Circuit for DACA or DACB


Similar Part No. - TLC7628EDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7628CDW TI1-TLC7628CDW Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628CDWG4 TI1-TLC7628CDWG4 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628CDWR TI1-TLC7628CDWR Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628CDWRG4 TI1-TLC7628CDWRG4 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628CN TI1-TLC7628CN Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - TLC7628EDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528CNSR TI1-TLC7528CNSR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com