Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21HPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # BAS21HPT
Description  FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAS21HPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  BAS21HPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAS21HPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( BAS21HPT )
0
0
125
100
75
50
25
25
50
75
100
125
150
AMBIENT TEMPERATURE, (
oC)
0
1
2
5
10
20
50
100
200
500
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE, (V)
FIG. 2 - FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
FIG. 4 - REVERSE CHARACTERISTICS
0.1
1u
10u
100
1
10
50
100
200
150
0
0
0
4
5
2
2
4
6
8
10
12
14
16
f=1MHz
REVERSE VOLTAGE, (V)
18
20
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
75
oC
50
oC
Ta=100
oC
0
oC
25
oC
-
25
oC
FIG. 1 - TYPICAL FORWARD CURRENT
DERAING CURVE
50
oC
Ta=85
oC
0
oC
25
oC
-
30
oC


Similar Part No. - BAS21HPT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
   Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
ON Semiconductor
BAS21H ONSEMI-BAS21H Datasheet
173Kb / 5P
   High Voltage Switching Diode
June, 2020 ??Rev. 14
logo
Weitron Technology
BAS21H WEITRON-BAS21H Datasheet
327Kb / 3P
   Surface Mount Switching Diode
logo
Shanghai Leiditech Elec...
BAS21H LEIDITECH-BAS21H Datasheet
857Kb / 3P
   Silicon Epitaxial Planar Diode
logo
NXP Semiconductors
BAS21H NXP-BAS21H Datasheet
64Kb / 10P
   Single high-voltage switching diode
Rev. 02 - 3 November
More results

Similar Description - BAS21HPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAS21N1PT CHENMKO-BAS21N1PT Datasheet
88Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21PT CHENMKO-BAS21PT Datasheet
89Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21BPT CHENMKO-BAS21BPT Datasheet
117Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21TPT CHENMKO-BAS21TPT Datasheet
72Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21WPT CHENMKO-BAS21WPT Datasheet
77Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAV70BPT CHENMKO-BAV70BPT Datasheet
110Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 100 Volts CURRENT 150 mAmpere
logo
Rectron Semiconductor
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
BAV21W RECTRON-BAV21W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
1N4448WS RECTRON-1N4448WS_08 Datasheet
149Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
1N4448W RECTRON-1N4448W Datasheet
169Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com