Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48018HGA40PKS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ48018HGA40PKS
Description  40 Amp, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48018HGA40PKS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ48018HGA40PKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48018HGA40PKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48018HGA40PKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48018HGA40PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48018HGA40PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48018HGA40PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48018HGA40PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ48018HGA40PKS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ48018HGA40PKS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Product # PQ48018HGA40
Phone 1-888-567-9596
Doc.# 005-2HG418C Rev. C
12/17/02
Page 7
Half
Half
Brick
Brick
Performance Curves
48Vin 1.8Vout 40A
Figure 13: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 14), Input Reflected Ripple Current
(Figure 15) and Output Voltage Ripple (Figure 16).
Figure 14: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 10µH source impedance and 47µF
electrolytic capacitor (100 mA/div). (See Figure 13)
Figure 15: Input reflected ripple current, is, through a 10 µH source
inductor at nominal input voltage and rated load current (5 mA/div).
(See Figure 13)
Figure 16: Output voltage ripple at nominal input voltage and rated
load current (20 mV/div). Load capacitance: 1µF ceramic capacitor
and 15µF tantalum capacitor. Bandwidth: 20 MHz. (See Figure 13)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
4
8
12
16
20
24
28
32
36
40
44
48
52
Load Current (A)
36 V
48 V
75 V
Figure 17: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.
Figure 18: Load current (20A/div) as a function of time when the con-
verter attempts to turn on into a 1 m
Ωshort circuit. Top trace (2ms/div)
is an expansion of the on-time portion of the bottom trace.
10 µH
source
impedance
DC/DC
Converter
Figure 15
Figure 14
Figure 16
1 µF
ceramic
capacitor
15 µF,
450m
Ω ESR
tantalum
capacitor
47 µF,
<1
Ω ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT


Similar Part No. - PQ48018HGA40PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48018HKA20 SYNQOR-PQ48018HKA20 Datasheet
770Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HKA20NKF SYNQOR-PQ48018HKA20NKF Datasheet
770Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HKA20NKS SYNQOR-PQ48018HKA20NKS Datasheet
770Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HKA20NNF SYNQOR-PQ48018HKA20NNF Datasheet
770Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HKA20NNS SYNQOR-PQ48018HKA20NNS Datasheet
770Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48018HGA40PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025QTA40 SYNQOR-PQ60025QTA40 Datasheet
739Kb / 13P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033HGA40 SYNQOR-PQ60033HGA40 Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015HGA40 SYNQOR-PQ48015HGA40 Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60012QTA40 SYNQOR-PQ60012QTA40 Datasheet
817Kb / 13P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QTA40 SYNQOR-PQ60015QTA40 Datasheet
737Kb / 13P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com