Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48015HMA30PYS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ48015HMA30PYS
Description  30 Amp, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48015HMA30PYS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ48015HMA30PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48015HMA30PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48015HMA30PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48015HMA30PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48015HMA30PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48015HMA30PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48015HMA30PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48015HMA30PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48015HMA30PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product # PQ48015HMA30
Phone 1-888-567-9596
Doc.# 005-2HM451B Rev. C
12/20/02
Page 2
Half
Half
Brick
Brick
Technical Specification
48Vin 1.5Vout 30A
0.19
(4.8)
1.90
(48.3)
2.30
(58.4)
0.50
(12.7)
0.400
(10.16)
0.300 (7.62)
0.200 (5.08)
0.200 (5.08)
Load Board
Bottom side
Clearance
See Note 10
Max. Height
Lowest
Component
1.400
(35.56)
1.000
(25.40)
2.40
(61.0)
0.400
(10.16)
1.000
(25.40)
1.400
(35.56)
0.700
(17.78)
0.40
(10.2)
0.034+/-0.026
(0.86+/-0.66)
Top View
Side View
Pin No. Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
I share
Single wire parallel signal
4
Vin(-)
Negative input voltage
5
Vout(-)
Negative output voltage
6
SENSE(-)
Return remote sense
7
TRIM
Output voltage trim
8
SENSE(+)
Positive remote sense
9
Vout(+)
Positive output voltage
A
Clock Sync
Clock synchronization
B
Start Sync
Startup synchronization
C
OR Drive
External OR-FET drive
Pins in Italics Shaded text are Optional
0.145
(3.68)
See Note 4
NOTES
1) Pins 1-4, 6-8, A-C are 0.040” (1.02mm) diameter. with
0.080” (2.03mm) diameter standoff shoulders.
2) Pins 5 and 9 are 0.080” (2.03 mm) diameter with
0.125” (3.18mm) diameter standoff shoulders.
3) Pins 3, A, B & C only included in Full-Feature models.
4) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
5) All Pins: Material - Copper Alloy
Finish - Tin/Lead over Nickel plate
6) Undimensioned components are shown for visual
reference only.
7) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
8) Weight: 1.9 oz. (54g) typical
9) Workmanship: Meets or exceeds IPC-A-610C Class II
10) UL/TUV standards require a clearance greater than 0.04”
(1.02mm) between input and output for Basic insulation. This
issue should be considered if any copper traces are on the top
side of the user’s board. Note that the ferrite cores are consid-
ered part of the input/primary circuit.
MECHANICAL
DIAGRAM
PIN CONNECTIONS


Similar Part No. - PQ48015HMA30PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48015HGA40 SYNQOR-PQ48015HGA40 Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015HGA40NKF SYNQOR-PQ48015HGA40NKF Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015HGA40NKS SYNQOR-PQ48015HGA40NKS Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015HGA40NNF SYNQOR-PQ48015HGA40NNF Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015HGA40NNS SYNQOR-PQ48015HGA40NNS Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48015HMA30PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033HMA30 SYNQOR-PQ60033HMA30 Datasheet
793Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HMA30 SYNQOR-PQ48018HMA30 Datasheet
788Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050HGA30 SYNQOR-PQ60050HGA30 Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HMA30 SYNQOR-PQ48020HMA30 Datasheet
787Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ48053HTA30 SYNQOR-PQ48053HTA30 Datasheet
573Kb / 11P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com