Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48018QNA25NYS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ48018QNA25NYS
Description  High Efficiency, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48018QNA25NYS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ48018QNA25NYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48018QNA25NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48018QNA25NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48018QNA25NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48018QNA25NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48018QNA25NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48018QNA25NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48018QNA25NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48018QNA25NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product # PQ48018QNA25
Phone 1-888-567-9596
Doc.# 005-2QN418D_B
9/04/01
Page 1
Technical Specification
48Vin 1.8Vout 25A
Quarter
Quarter
Brick
Brick
The PQ48018QNA25 PowerQor™ quarter brick
converter is a next-generation, board-mountable,
isolated, fixed switching frequency dc/dc
converter that uses synchronous rectification to
achieve extremely high conversion efficiency. The
power dissipated by the converter is so low that a
heatsink is not required, which saves cost, weight,
height, and application effort. All of the power and
control components are mounted to the multi-layer PCB
substrate with high-yield surface mount technology.
Since the PowerQor converter has no explicit
thermal connections, it is extremely reliable.
High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ48018QNA25 Module
Mechanical Features
• Industry standard pin-out configuration (pin for pin
compatible with Lucent QHW series)
• Industry standard size: 1.45” x 2.3”
• Total height less than 0.40”, permits better airflow
and smaller card pitch
• Total weight: 34 grams (1.2 oz.), lower mass great-
ly reduces vibration and shock problems
Safety Features
• 2000V, 10 M
Ω input-to-output isolation provides
input/output ground separation
• UL 1950 recognized (US & Canada), basic insula-
tion rating
• TUV certified to EN60950
Safety Features (cont.)
• Meets 72/23/EEC and 93/68/EEC directives
which facilitates CE Marking in user’s end product
• Board and plastic components meet 94V-0 flamma-
bility requirements
Operational Features
• Ultra-high efficiency, 84% at full rated load current
• Delivers up to 25 amps of output current with mini-
mal derating - no heatsink required
• Wide input voltage range: 35V – 75V meets or
exceeds all 48V bus standards
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Protection Features
• Input under-voltage lockout disables converter at
low input voltage conditions
• Output current limit and short circuit protection
protects converter from excessive load current or
short circuits
• Output over-voltage protection protects load from
damaging voltages
• Thermal shutdown protects converter from abnor-
mal environmental conditions
Control Features
• On/Off control referenced to input side (positive
and negative logic options are available)
• Remote sense for the output voltage compensates
for output distribution drops
• Output voltage trim: +10%/-20%, permits custom
voltages and voltage margining


Similar Part No. - PQ48018QNA25NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48018HGA40 SYNQOR-PQ48018HGA40 Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HGA40NKF SYNQOR-PQ48018HGA40NKF Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HGA40NKS SYNQOR-PQ48018HGA40NKS Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HGA40NNF SYNQOR-PQ48018HGA40NNF Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HGA40NNS SYNQOR-PQ48018HGA40NNS Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48018QNA25NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ60033HGA40 SYNQOR-PQ60033HGA40 Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033HTA50 SYNQOR-PQ60033HTA50 Datasheet
806Kb / 14P
   50 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050EML10 SYNQOR-PQ60050EML10 Datasheet
753Kb / 13P
   10 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com