Electronic Components Datasheet Search |
|
PQ48020HKA20PRF Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters |
|
PQ48020HKA20PRF Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters |
4 / 14 page Product # PQ48020HKA20 Phone 1-888-567-9596 Doc.# 005-2HK420G Rev. C 4/9/03 Page 4 Half Half Brick Brick Technical Specification 48Vin 2.0Vout 20A Parameter P Min. Typ. Max. Units Notes & Conditions FEATURE CHARACTERISTICS Switching Frequency 175 200 225 kHz ON/OFF Control (Option P) Off-State Voltage -2 0.8 V On-State Voltage 2.7 18 V ON/OFF Control (Option N) Off-State Voltage 2.7 18 V On-State Voltage -2 0.8 V ON/OFF Control (Either Option) Figures A, B Pull-Up Voltage Vin/6 15 V Pull-Up Resistance 42 k Ω Output Voltage Trim Range -10 +20 % Measured across Pins 9 & 5; Figure C Output Voltage Remote Sense Range +20 % Measured across Pins 9 & 5 Output Over-Voltage Protection 121 126 132 % Over full temp range; % of nominal Vout Over-Temperature Shutdown 120 °C Average PCB Temperature Over-Temperature Shutdown Restart Hysteresis 10 °C RELIABILITY CHARACTERISTICS Calculated MTBF 2.4 106 Hrs. Telcordia TR-NWT-000332; 80% load,300LFM, 40oC Ta Calculated MTBF 1.9 106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta Demonstrated MTBF >20 106 Hrs. Field demonstrated MTBF STANDARDS COMPLIANCE Parameter P Notes STANDARDS COMPLIANCE UL/cUL 60950 File # E194341, Basic insulation & pollution degree 2 EN60950 Certified by TUV 72/23/EEC 93/68/EEC Needle Flame Test (IEC 695-2-2) test on entire assembly; board & plastic components UL94V-0 compliant IEC 61000-4-2 ESD test, 8kV - NP, 15kV air - NP GR-1089-CORE Section 7 - electrical safety, Section 9 - bonding/grounding • An external input fuse must always be used to meet these safety requirements QUALIFICATION TESTING Parameter P # Units Test Conditions QUALIFICATION TESTING Life Test 32 95% rated Vin and load, units at derating point, 1000 hours Vibration 5 10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis Mechanical Shock 5 100g minimum, 2 drops in x and y axis, 1 drop in z axis Temperature Cycling 10 -40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles Power/Thermal Cycling 5 Toperating = min to max, Vin = min to max, full load, 100 cycles Design Marginality 5 Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load Humidity 5 85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off Solderability 15 pins MIL-STD-883, method 2003 • Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply robust, reliable product. Contact factory for more information about Proof of Design and Proof of Manufacturing processes. ELECTRICAL CHARACTERISTICS (Continued) OPTIONS SynQor provides various options for Logic Sense, Pin Length and Feature Set for this family of DC/DC converters. Please consult the last page of this specification sheet for information on available options. PATENTS SynQor is protected under various patents, including but not lim- ited to U.S. Patent # 5,999,417. |
Similar Part No. - PQ48020HKA20PRF |
|
Similar Description - PQ48020HKA20PRF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |