Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48150HGA10NYS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ48150HGA10NYS
Description  150 Watt, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48150HGA10NYS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ48150HGA10NYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48150HGA10NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48150HGA10NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48150HGA10NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48150HGA10NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48150HGA10NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48150HGA10NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48150HGA10NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48150HGA10NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Product # PQ48150HGA10
Phone 1-888-567-9596
Doc.# 005-2HG415C Rev. B
12/03/02
Page 5
Half
Half
Brick
Brick
Performance Curves
48Vin 15Vout 10A
60
65
70
75
80
85
90
95
100
01
23
456
78
9
10
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.
88
89
90
91
92
93
94
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
2
4
6
8
10
12
14
16
18
01
23
45
67
89
10
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
1
2
3
4
5
6
7
8
9
10
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from input to output (nominal input voltage).
Figure 6: Thermal plot of converter at 9.4 amp load current (141W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from input to output (nominal input voltage).


Similar Part No. - PQ48150HGA10NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NKF SYNQOR-PQ48150HTA11NKF Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NKS SYNQOR-PQ48150HTA11NKS Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NNF SYNQOR-PQ48150HTA11NNF Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NNS SYNQOR-PQ48150HTA11NNS Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48150HGA10NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com