Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP58PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # 5KP58PT
Description  VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

5KP58PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  5KP58PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 5KP58PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 5KP58PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 5KP58PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Plastic package
* 5000W surge capability at 1ms
* Glass passivated chip junction in P-6 Package
* Excellent clamping capability
* Low Zener lmpedance
* Fast response time: typically less than 1.0ps
from 0 volts to BV min.
* Typical IR less than 1 uA above 10V
* High temperature soldering guaranteed:
300 degree C/10seconds/.375"(9.5mm) lead length/51
bs., (2.3k) tension
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DEVICES FOR BIDIRECTIONAL APPLICATIONS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
For Bidirectional use C or CA Suffix for types 5KP5.0 thru types 5KP110
Electrical characteristics apply in both directions.
5KP
SERIES
P-6
P-6
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
NOTES :
2001-6
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Peak Power Dissipation at TA = 25
oC, Tp = 1ms ( Note1 )
Steady State Power Dissipation at TL = 75
oC
Lead Lengths .375" (9.5mm)
Operating and Storage Temperature Range
SYMBOL
PPK
PD
TJ, TSTG
UNITS
Watts
VALUE
Minimum 5000
8.0
-55 to +175
Watts
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load ( Note 2 )
IFSM
400
Amps
oC
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25
oC per Fig. 2.
2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
Case: JEDEC P-6 molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.007 ounce, 2.1 grams
MECHANICAL DATA
5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-5.0 TO 110 VOLTS
0.052(1.3)
0.048(1.2)
DIA.
0.360(9.1)
0.340(8.6)
0.360(9.1)
0.340(8.6)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.


Similar Part No. - 5KP58PT

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP58 SURGE-5KP58 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP58 LUGUANG-5KP58 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP58 BILIN-5KP58 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP58 LUGUANG-5KP58 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Microdiode Electronics ...
5KP58 CHENDA-5KP58 Datasheet
685Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP58PT

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
logo
Microdiode Electronics ...
5.0SMDJ CHENDA-5.0SMDJ Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
logo
Rectron Semiconductor
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
1.5KE RECTRON-1.5KE Datasheet
46Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
logo
Microdiode Electronics ...
SMDJ CHENDA-SMDJ Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
Rectron Semiconductor
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com